Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1703252 Datasheet (PDF) - PHOENIX CONTACT

1703252 Datasheet PDF - PHOENIX CONTACT
Part # 1703252
Download  1703252 Download
File Size   232.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKKDS 3/10 - PCB terminal block

1703252 Datasheet (PDF)

Go To PDF Page Download Datasheet
1703252 Datasheet PDF - PHOENIX CONTACT

Part # 1703252
Download  1703252 Click to download

File Size   232.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKKDS 3/10 - PCB terminal block

1703252 Datasheet (HTML) - PHOENIX CONTACT


1703252 Product details

PCB terminal block, nominal current: 22 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of rows: 2, number of positions per row: 10, product range: MKKDS 3, pitch: 5 mm,
connection method: Screw connection with tension sleeve, screw head form: L Slotted,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Conductor connection on several levels enables higher contact density
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve




Similar Part No. - 1703252

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
170325 MACOM-170325 Datasheet
68Kb / 1P
187 SERIES POSITIVE LOCK MARK II REC.
170325-1 MACOM-170325-1 Datasheet
68Kb / 1P
187 SERIES POSITIVE LOCK MARK II REC.
170325-2 MACOM-170325-2 Datasheet
68Kb / 1P
187 SERIES POSITIVE LOCK MARK II REC.
170325-5 MACOM-170325-5 Datasheet
68Kb / 1P
187 SERIES POSITIVE LOCK MARK II REC.
170325-6 MACOM-170325-6 Datasheet
68Kb / 1P
187 SERIES POSITIVE LOCK MARK II REC.
More results


Similar Description - 1703252

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706989 PHOENIX-1706989 Datasheet
58Kb / 4P
PCB terminal block - MKKDS 3/20 ABGY
1719028 PHOENIX-1719028 Datasheet
85Kb / 6P
PCB terminal block - MKKDS 5/ 3-9,5
1721236 PHOENIX-1721236 Datasheet
56Kb / 5P
PCB terminal block - MKKDS 3/ 3 BU
1751471 PHOENIX-1751471 Datasheet
86Kb / 6P
PCB terminal block - MKKDS 1/10-3,5
1871225 PHOENIX-1871225 Datasheet
56Kb / 4P
PCB terminal block - MKKDS 3/ 2 ABGY
1906161 PHOENIX-1906161 Datasheet
56Kb / 5P
PCB terminal block - MKKDS 3/ 2 BK
1907759 PHOENIX-1907759 Datasheet
71Kb / 5P
PCB terminal block - MKKDS 3/ 5-5,08
1986482 PHOENIX-1986482 Datasheet
56Kb / 4P
PCB terminal block - MKKDS 1,5/10-5,08
1889987 PHOENIX-1889987 Datasheet
88Kb / 6P
PCB terminal block - MKKDS 3/ 4-5,08
09/12/2020
1751400 PHOENIX-1751400 Datasheet
471Kb / 12P
PCB terminal block - MKKDS 1/ 3-3,5
Dec 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com