Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1018A Datasheet (PDF) - Belden Inc.

1018A Datasheet PDF - Belden Inc.
Part # 1018A
Download  1018A Download
File Size   196.38 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type KX Thermocouple, 1 Pr #16 Sol, PVC Ins Yel, Red, OS, Yellow PVC Jkt, 300V PLTC ITC CMG

1018A Datasheet (PDF)

Go To PDF Page Download Datasheet
1018A Datasheet PDF - Belden Inc.

Part # 1018A
Download  1018A Click to download

File Size   196.38 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type KX Thermocouple, 1 Pr #16 Sol, PVC Ins Yel, Red, OS, Yellow PVC Jkt, 300V PLTC ITC CMG

1018A Datasheet (HTML) - Belden Inc.


1018A Product details

Product Description
Type KX Thermocouple, 1 Pair 16AWG (Solid) Chromel+Alumel, PVC Insulation Yel, Red Color Code, Overall Beldfoil® Shield, Yellow PVC Outer Jacket,
PLTC ITC CMG AWM 2464 SUN RES




Similar Part No. - 1018A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1018 XFMRS-1018 Datasheet
61Kb / 2P
HDSL MAGNETICS
logo
NXP Semiconductors
10180 PHILIPS-10180 Datasheet
225Kb / 5P
Dual 2-Bit Adder/Subtractor
June 14 1990
logo
List of Unclassifed Man...
10180 ETC2-10180 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10180 HEYCO-10180 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10180-6000EC 3M-10180-6000EC Datasheet
58Kb / 3P
050, Mini D Ribbon (MDR) Connectors
19-Feb-1999
More results


Similar Description - 1018A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1023A BELDEN-1023A Datasheet
165Kb / 2P
Type TX Thermocouple, 1 Pr #16 Sol, PVC Ins Blu, Red, OS, Blue PVC Jkt,300V PLTC ITC CMG
04-14-2023
1030A BELDEN-1030A Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
3115A BELDEN-3115A Datasheet
166Kb / 2P
Type JX Thermocouple, 2 Pr #2022 Sol, PVC Ins Wht, Red, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-15-2022
1116A BELDEN-1116A Datasheet
162Kb / 2P
Type KX Thermocouple, 1 Pr #16 Sol, FEP Ins Yel, Red, OS, Yellow FEP Jkt,300V PLTC CL2P 200C SUN RES
04-14-2023
1000A BELDEN-1000A Datasheet
168Kb / 2P
Type JX Thermocouple, 1 Pr #16 Sol, PVC Ins Wht, Red, OS, Blk PVC Jkt,300V PLTC ITC CMG
04-14-2023
1012A BELDEN-1012A Datasheet
167Kb / 2P
Type KX Thermocouple, 4 Pr #2022 Sol, PVC Ins Yel, Red, IS/OS, Yellow PVC Jkt, 300V PLTC ITC CMG
12-16-2022
1101A BELDEN-1101A Datasheet
166Kb / 2P
Type EX Thermocouple, 1 Pr #16 Sol, PVC Ins Pur, Red, OS, Purple PVC Jkt,300V PLTC ITC CMG
04-14-2023
3111A BELDEN-3111A Datasheet
165Kb / 2P
Type JX Thermocouple, 1 Pr #20 Sol, PVC Ins Wht, Red, OS, Blk PVC Jkt,300V PLTC ITC CMG
04-14-2023
3112A BELDEN-3112A Datasheet
179Kb / 2P
Type KX Thermocouple, 1 Pr #20 Sol, PVC Ins Yel, Red, OS, Yellow PVC Jkt,300V PLTC ITC CMG
06-01-2023
3113A BELDEN-3113A Datasheet
165Kb / 2P
Type TX Thermocouple, 1 Pr #20 Sol, PVC Ins Blu, Red, OS, Blue PVC Jkt,300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com