Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1101A Datasheet (PDF) - Belden Inc.

1101A Datasheet PDF - Belden Inc.
Part # 1101A
Download  1101A Download
File Size   166.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type EX Thermocouple, 1 Pr #16 Sol, PVC Ins Pur, Red, OS, Purple PVC Jkt,300V PLTC ITC CMG

1101A Datasheet (PDF)

Go To PDF Page Download Datasheet
1101A Datasheet PDF - Belden Inc.

Part # 1101A
Download  1101A Click to download

File Size   166.21 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Type EX Thermocouple, 1 Pr #16 Sol, PVC Ins Pur, Red, OS, Purple PVC Jkt,300V PLTC ITC CMG

1101A Datasheet (HTML) - Belden Inc.


1101A Product details

Product Description
Type EX Thermocouple, 1 Pair 16AWG (Solid) Chromel+Constantan, PVC Insulation Pur, Red Color Code, Overall Beldfoil® Shield, Purple PVC Outer Jacket,
PLTC ITC CMG AWM 2464 SUN RES




Similar Part No. - 1101A

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
1101A1BGEA CIT-1101A1BGEA Datasheet
241Kb / 4P
CIT SWITCH
1101A1BGEB CIT-1101A1BGEB Datasheet
241Kb / 4P
CIT SWITCH
1101A1BQEA CIT-1101A1BQEA Datasheet
241Kb / 4P
CIT SWITCH
1101A1BQEB CIT-1101A1BQEB Datasheet
241Kb / 4P
CIT SWITCH
1101A1BREA CIT-1101A1BREA Datasheet
241Kb / 4P
CIT SWITCH
More results


Similar Description - 1101A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1023A BELDEN-1023A Datasheet
165Kb / 2P
Type TX Thermocouple, 1 Pr #16 Sol, PVC Ins Blu, Red, OS, Blue PVC Jkt,300V PLTC ITC CMG
04-14-2023
1030A BELDEN-1030A Datasheet
164Kb / 2P
Inst, 1 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC, ITC, CMG
04-14-2023
3115A BELDEN-3115A Datasheet
166Kb / 2P
Type JX Thermocouple, 2 Pr #2022 Sol, PVC Ins Wht, Red, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
12-15-2022
1000A BELDEN-1000A Datasheet
168Kb / 2P
Type JX Thermocouple, 1 Pr #16 Sol, PVC Ins Wht, Red, OS, Blk PVC Jkt,300V PLTC ITC CMG
04-14-2023
1012A BELDEN-1012A Datasheet
167Kb / 2P
Type KX Thermocouple, 4 Pr #2022 Sol, PVC Ins Yel, Red, IS/OS, Yellow PVC Jkt, 300V PLTC ITC CMG
12-16-2022
1018A BELDEN-1018A Datasheet
196Kb / 2P
Type KX Thermocouple, 1 Pr #16 Sol, PVC Ins Yel, Red, OS, Yellow PVC Jkt, 300V PLTC ITC CMG
04-14-2023
3111A BELDEN-3111A Datasheet
165Kb / 2P
Type JX Thermocouple, 1 Pr #20 Sol, PVC Ins Wht, Red, OS, Blk PVC Jkt,300V PLTC ITC CMG
04-14-2023
3112A BELDEN-3112A Datasheet
179Kb / 2P
Type KX Thermocouple, 1 Pr #20 Sol, PVC Ins Yel, Red, OS, Yellow PVC Jkt,300V PLTC ITC CMG
06-01-2023
3113A BELDEN-3113A Datasheet
165Kb / 2P
Type TX Thermocouple, 1 Pr #20 Sol, PVC Ins Blu, Red, OS, Blue PVC Jkt,300V PLTC ITC CMG
04-14-2023
31P1620 BELDEN-31P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com