Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURS360 Datasheet (PDF) - SMC Diode Solutions Co. LTD

MURS360 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # MURS360
Download  MURS360 Download
File Size   259.75 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MURS360 ULTRAFAST RECTIFIE

MURS360 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURS360 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # MURS360
Download  MURS360 Click to download

File Size   259.75 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description MURS360 ULTRAFAST RECTIFIE

MURS360 Datasheet (HTML) - SMC Diode Solutions Co. LTD


MURS360 Product details

Features
Ultra-Fast Switching
High Current Capability
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability Classification 94V-O
Terminals finish: 100% Pure Tin
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - MURS360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURS360 MOTOROLA-MURS360 Datasheet
107Kb / 4P
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
Vishay Siliconix
MURS360 VISHAY-MURS360 Datasheet
24Kb / 2P
Ultrafast Rectifiers
18-Nov-02
MURS360 VISHAY-MURS360 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
logo
Rectron Semiconductor
MURS360 RECTRON-MURS360 Datasheet
299Kb / 4P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Frontier Electronics.
MURS360 FRONTIER-MURS360 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Similar Description - MURS360

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR30H150C GAMMA-GMR30H150C Datasheet
164Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
logo
GTM CORPORATION
GB840 GTM-GB840 Datasheet
138Kb / 2P
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
logo
YENYO TECHNOLOGY Co., L...
SF10A01 YENYO-SF10A01 Datasheet
823Kb / 2P
Glass Passivated Super Fast Recovery Rectifie
logo
Olitech Electronics Co....
GP02-20 OLITECH-GP02-20 Datasheet
660Kb / 2P
High Voltage 1.5A Sintered Glass Passivated Rectifie
GP02-20A OLITECH-GP02-20A Datasheet
675Kb / 2P
High Voltage 1.0A Sintered Glass Passivated Rectifie
logo
SUNMATE electronic Co.,...
U1A SUNMATE-U1A Datasheet
486Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIE DIODES
logo
DIYI Electronic Technol...
SR1545L DYELEC-SR1545L Datasheet
2Mb / 2P
15 0A Surface Mount Schottky Barrier Rectifie
logo
Nell Semiconductor Co.,...
NST320S100C NELLSEMI-NST320S100C Datasheet
300Kb / 5P
High Performance Schottky Rectifie
logo
Shenzhen Luguang Electr...
GBJ2506L LUGUANG-GBJ2506L Datasheet
855Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com