Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURS360 Datasheet (PDF) - Motorola, Inc

MURS360 Datasheet PDF - Motorola, Inc
Part # MURS360
Download  MURS360 Download
File Size   107.97 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS

MURS360 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURS360 Datasheet PDF - Motorola, Inc

Part # MURS360
Download  MURS360 Click to download

File Size   107.97 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS

MURS360 Datasheet (HTML) - Motorola, Inc


MURS360 Product details

Surface Mount Ultrafast Power Rectifiers

. . . employing state–of–the–art epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes, in surface mount applications where compact size and weight are critical to the system.

• Small Compact Surface Mountable Package with J–Bend Leads
• Rectangular Package for Automated Handling
• Highly Stable Oxide Passivated Junction
• Low Forward Voltage Drop (0.71 to 1.05 Volts Max @ 3.0 A, TJ = 150°C)




Similar Part No. - MURS360

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS360 VISHAY-MURS360 Datasheet
24Kb / 2P
Ultrafast Rectifiers
18-Nov-02
MURS360 VISHAY-MURS360 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
logo
Rectron Semiconductor
MURS360 RECTRON-MURS360 Datasheet
299Kb / 4P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Frontier Electronics.
MURS360 FRONTIER-MURS360 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
MURS360 LUGUANG-MURS360 Datasheet
174Kb / 2P
Surface Mount Rectifiers
More results


Similar Description - MURS360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MURD620CT MOTOROLA-MURD620CT Datasheet
87Kb / 4P
ULTRAFAST RECTIFIERS 6 AMPERES 200 VOLTS
MURP20020CT MOTOROLA-MURP20020CT Datasheet
58Kb / 2P
ULTRAFAST RECTIFIERS 200 AMPERES 200.400 VOLTS
logo
ON Semiconductor
MURD320 ONSEMI-MURD320_04 Datasheet
64Kb / 4P
ULTRAFAST RECTIFIER 3.0 AMPERES, 200 VOLTS
August, 2004 ??Rev. 4
MURP20020CT ONSEMI-MURP20020CT_06 Datasheet
115Kb / 3P
ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
September, 2006 ??Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com