Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1260 Datasheet (PDF) - Unisonic Technologies

2SB1260 Datasheet PDF - Unisonic Technologies
Part # 2SB1260
Download  2SB1260 Download
File Size   57.69 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description POWER TRANSISTOR

2SB1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1260 Datasheet PDF - Unisonic Technologies

Part # 2SB1260
Download  2SB1260 Click to download

File Size   57.69 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description POWER TRANSISTOR

2SB1260 Datasheet (HTML) - Unisonic Technologies


2SB1260 Product details

POWER TRANSISTOR

DESCRIPTION
The UTC 2SB1260 is a epitaxial planar type PNP silicon transistor.

FEATURES
* High breakdown voltage and high current. BVCEO= -80V, IC= -1A
* Good hFE linearity.
* Low VCE(SAT)




Similar Part No. - 2SB1260

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1260 ROHM-2SB1260 Datasheet
80Kb / 3P
Power Transistor
logo
Weitron Technology
2SB1260 WEITRON-2SB1260 Datasheet
109Kb / 5P
PNP Plastic-Encapsulate Transistor
logo
Rohm
2SB1260 ROHM-2SB1260 Datasheet
97Kb / 4P
Power Transistor (−80V, −1A)
logo
TRANSYS Electronics Lim...
2SB1260 TEL-2SB1260 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
More results


Similar Description - 2SB1260

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com