Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1260 Datasheet (PDF) - Rohm

2SB1260 Datasheet PDF - Rohm
Part # 2SB1260
Download  2SB1260 Download
File Size   97.68 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (−80V, −1A)

2SB1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1260 Datasheet PDF - Rohm

Part # 2SB1260
Download  2SB1260 Click to download

File Size   97.68 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (−80V, −1A)

2SB1260 Datasheet (HTML) - Rohm




Similar Part No. - 2SB1260

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1260 ROHM-2SB1260 Datasheet
80Kb / 3P
Power Transistor
logo
Weitron Technology
2SB1260 WEITRON-2SB1260 Datasheet
109Kb / 5P
PNP Plastic-Encapsulate Transistor
logo
Unisonic Technologies
2SB1260 UTC-2SB1260 Datasheet
57Kb / 4P
POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2SB1260 TEL-2SB1260 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
More results


Similar Description - 2SB1260

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
Rohm
US6J2 ROHM-US6J2 Datasheet
64Kb / 5P
Small switching (−20V, −1A)
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Rohm
2SB1132 ROHM-2SB1132_1 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
2SB1694 ROHM-2SB1694_1 Datasheet
76Kb / 3P
General purpose amplification (−30V, −1A)
2SB1710 ROHM-2SB1710_1 Datasheet
112Kb / 3P
General purpose amplification (−30V, −1A)
2SB1733 ROHM-2SB1733_1 Datasheet
113Kb / 3P
General purpose amplification (−30V, −1A)
MP6T1 ROHM-MP6T1 Datasheet
109Kb / 4P
Medium Power Transistor (−32V, −1A)
US6T9 ROHM-US6T9_1 Datasheet
113Kb / 3P
General purpose amplification (−30V, −1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com