Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM356 Datasheet (PDF) - Analog Devices

ADUCM356 Datasheet PDF - Analog Devices
Part # ADUCM356
Download  ADUCM356 Download
File Size   2255.77 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller with Chemical Sensor Interface

ADUCM356 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM356 Datasheet PDF - Analog Devices

Part # ADUCM356
Download  ADUCM356 Click to download

File Size   2255.77 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Analog Microcontroller with Chemical Sensor Interface

ADUCM356 Datasheet (HTML) - Analog Devices


ADUCM356 Product details

FEATURES
► Analog input/output
► 16-bit, 400 kSPS ADC
► Voltage, current, and impedance measurement capability
► Internal and external current and voltage channels
► Ultralow leakage switch matrix and input mux
► Input buffers, PGA
► Voltage DACs
► Two dual output voltage DACs
► Output range: 0.2 V to 2.4 V (±2.2 V voltage potential to
sensor) for 12-bit outputs
► Two bias potentiostat and TIA amplifiers
► Ultralow power, 1 μA per amplifier
► One high speed 12-bit voltage DAC
► Output range to sensor: −607 mV to +607 mV
► High speed TIA for impedance measurements
► Programmable gain amplifier on output
► Amplifiers, accelerators, and references
► Two low power, low noise amplifiers
► Suitable for potentiostat bias in electrochemical sensing
► Two low power, low noise TIAs
► Suitable for measuring sensor current output in the
±0.00005 μA to ±3000 μA range
► Programmable load and gain resistors
► Analog hardware accelerators
► Digital waveform generator (refer to the ADuCM356 Hardware
Reference Manual)
► DFT and digital filters
► 2.5 V and 1.82 V on-chip, precision voltage references
► Internal temperature sensor, ±2°C accurate
► Impedance measurement range of <1 Ω to 10 MΩ, 0.016 Hz
to 200,000 Hz
► Voltammetry scan rate up to 2000 steps per second

SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
► Microcontroller
► 26 MHz Arm Cortex-M3 processor
► Serial wire port supports code download and debugging
► 256 kB flash/64 kB of SRAM
► Security and safety
► Hardware cyclic redundancy check (CRC) with programmable
polynomial generator (refer to the ADuCM356 Hardware Reference
Manual)
► Read and write protection of user flash
► On-chip peripherals
► UART, I2C, and SPI serial input/output
► Up to 17 GPIO pins
► External interrupt option
► General-purpose, wake-up, and watchdog timers
► Power
► 2.8 V to 3.6 V supply and active measurement range
► Power supply monitor
► Active current consumption: 30 μA/MHz for digital section
► Hibernate with bias to external sensor: 8.5 μA
► Shutdown mode with no SRAM retention: 2 μA
► Package and temperature range
► 6 mm × 5 mm, 72-lead LGA package
► Fully specified for −40°C to +85°C ambient operation

APPLICATIONS
► Gas detection
► Food quality
► Environmental sensing (air, water, and soil)
► Blood glucose meters
► Life sciences and biosensing analysis
► Bioimpedance measurements
► General amperometry, voltammetry, and impedance spectroscopy functions




Similar Part No. - ADUCM356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM350 AD-ADUCM350 Datasheet
1Mb / 41P
16-Bit Precision, Low Power Meter On A
Rev. A
ADuCM350BBCZ AD-ADuCM350BBCZ Datasheet
1Mb / 41P
16-Bit Precision, Low Power Meter On A
Rev. A
ADuCM350BBCZ-RL AD-ADuCM350BBCZ-RL Datasheet
1Mb / 41P
16-Bit Precision, Low Power Meter On A
Rev. A
ADUCM355 AD-ADUCM355 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
ADUCM355BCCZ AD-ADUCM355BCCZ Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
More results


Similar Description - ADUCM356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
ADUCM360 AD-ADUCM360 Datasheet
431Kb / 21P
Low Power Precision Analog Microcontroller
Rev. Pr R
logo
Integrated Device Techn...
SGAS707 IDT-SGAS707 Datasheet
655Kb / 15P
Industrial Organic Chemical Sensor
logo
Analog Devices
ADUCM310 AD-ADUCM310 Datasheet
547Kb / 28P
Precision Analog Microcontroller, Tunable Optical Control Microcontroller
02-Aug-2017
ADUCM355 AD-ADUCM355 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
logo
Renesas Technology Corp
SGAS707 RENESAS-SGAS707 Datasheet
890Kb / 16P
Industrial Organic Chemical Sensor
October 25, 2017
logo
Endress+Hauser Group Se...
CPS72E EH-CPS72E Datasheet
838Kb / 12P
ORP sensor for chemical process applications
2021-01-11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com