Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet (PDF) - Analog Devices

ADUCM350 Datasheet PDF - Analog Devices
Part # ADUCM350
Download  ADUCM350 Download
File Size   999.4 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity

ADUCM350 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUCM350 Datasheet PDF - Analog Devices

Part # ADUCM350
Download  ADUCM350 Click to download

File Size   999.4 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity

ADUCM350 Datasheet (HTML) - Analog Devices


ADUCM350 Product details

FEATURES
Analog performance
160 kSPS, 16-bit, precision analog-to-digital converter (ADC)
4 dedicated voltage measurement channels
8 current measurement channels
Impedance measurement engine
High precision voltage reference
Supply noise rejection filtering
Ultralow leakage configurable switch matrix
12-bit digital-to-analog converter (DAC)
Precision instrumentation amplifier control loop
6-channel CapTouch controller
Temperature sensor
Analog hardware accelerators
Autonomous analog front-end (AFE) controller
Independent sequencer for AFE functions
Direct digital synthesizer (DDS)/arbitrary waveform
generator
Receive filters
Complex impedance measurement (DFT) engine
Processing
16 MHz ARM Cortex-M3 processor
384 kB of embedded flash memory
32 kB system SRAM
16 kB Flash configured EEPROM
Integrated full-speed USB 2.0 controller and PHY
Multilayer advanced microcontroller bus architecture
(AMBA) bus matrix
Central direct memory access (DMA) controller
Real-time clock (RTC)
General-purpose, wake-up, and watchdog timers
Communication
Input/output
I2S and beeper interface
LCD display controller (parallel and serial)
LCD segment controller
SPI, I2C, and UART peripheral interfaces
Programmable GPIOs
Power
Coin cell battery compatible
2.5 V to 3.6 V active measurement range
Power management unit (PMU)
Power-on reset (POR) and power supply monitor (PSM)
Packages and temperature range
Operating temperature range: −40°C to +85°C
Package: 120-lead, 8 mm × 8 mm CSP_BGA




Similar Part No. - ADUCM350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM350 AD-ADUCM350 Datasheet
1Mb / 41P
16-Bit Precision, Low Power Meter On A
Rev. A
ADuCM350BBCZ AD-ADuCM350BBCZ Datasheet
1Mb / 41P
16-Bit Precision, Low Power Meter On A
Rev. A
ADuCM350BBCZ-RL AD-ADuCM350BBCZ-RL Datasheet
1Mb / 41P
16-Bit Precision, Low Power Meter On A
Rev. A
More results


Similar Description - ADUCM350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
fujitsu semiconductor
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
32-bit MCUs with ARM Cortex-M3 Core
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
logo
Analog Devices
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3
07-Feb-2013
logo
Analog Devices
ADUCM350 AD-ADUCM350 Datasheet
1Mb / 41P
16-Bit Precision, Low Power Meter On A
Rev. A
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com