Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 6Page - Analog Devices ADUCM350 Datasheet HTML 7Page - Analog Devices ADUCM350 Datasheet HTML 8Page - Analog Devices ADUCM350 Datasheet HTML 9Page - Analog Devices ADUCM350 Datasheet HTML 10Page - Analog Devices ADUCM350 Datasheet HTML 11Page - Analog Devices ADUCM350 Datasheet HTML 12Page - Analog Devices ADUCM350 Datasheet HTML 13Page - Analog Devices ADUCM350 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
ADuCM350
Rev. A | Page 9 of 40
Universal Serial Bus Regulator Specifications
Table 15. Universal Serial Bus Regulator Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS REGULATOR
Input Voltage Range
3.6
5.25
V
Regulated Output Voltage
3.2
3.4
V
Dropout
440
mV
40 mA continuous current
Regulation
Line
0.0043
%/V
4.5 V to 5.5 V
Load
0.0093
%/mA
@ 5 V, 220 nF ceramic decoupling capacitor
Power-Up Time
37
µs
Universal Serial Bus DC Specifications
Table 16. Universal Serial Bus DC Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RECEIVER
Single-Ended Input Voltage (Driven)
High
2.0
V
Low
0.8
V
Differential Receiver Input
Common Mode
0.8
2.5
V
Sensitivity
0.2
V
V(USB DP) − V(USB DM)
TRANSMITTER
Output Voltage
Low (VOL)
0
0.3
V
Pull-up resistor asserted on the USB pin,
USB DP, RPU to AVDD
High (VOH)
2.8
3.6
V
Pull-down resistor asserted on USB DP and
USB DM (15 kΩ to GND)
Driver Output Impedance
28
44
Ω
RDRIVER + RSERIES
Term Series Resistor
40
Ω
Pull-Up Resistor (D+ High)
1.425
1.5
3.095
kΩ
Termination voltage = USB regulator
voltage
Pull-Up Resistor (D+ Low)
0.9
1.575
kΩ
Termination voltage = USB regulator
voltage
Pull-Down Resistors
14.25
15
24.8
kΩ
Universal Serial Bus AC Specifications
Meeting USB 2.0 compliance electrical tests.
Table 17. Universal Serial Bus AC Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FULL SPEED DRIVER TIMING
CLOAD = 50 pF
Signaling Rate
11.988
12
MHz
Output Time
Rise
4
20
ns
VOH − VOL (10% to 90%), CLOAD = 50 pF
Fall
4
20
ns
VOH − VOL (10% to 90%), CLOAD = 50 pF
Rise and Fall Matching
90
111.1
%
Exclude transition from idle
Output Voltage Crossover
1.3
2.0
V
Exclude transition from idle
FULL SPEED JITTER
CLOAD = 50 pF
Driver Jitter Generated
−2
+2
ns
Next transitions
−1
+1
ns
Paired transitions
Load Capacitance
50
pF
Testing slew rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com