Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 39 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 33Page - Analog Devices ADUCM350 Datasheet HTML 34Page - Analog Devices ADUCM350 Datasheet HTML 35Page - Analog Devices ADUCM350 Datasheet HTML 36Page - Analog Devices ADUCM350 Datasheet HTML 37Page - Analog Devices ADUCM350 Datasheet HTML 38Page - Analog Devices ADUCM350 Datasheet HTML 39Page - Analog Devices ADUCM350 Datasheet HTML 40Page - Analog Devices ADUCM350 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 38 of 40
PACKAGING AND ORDERING INFORMATION
OUTLINE DIMENSIONS
Figure 45. 120-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-120-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADuCM350BBCZ
−40°C to +85°C
120-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-120-3
ADuCM350BBCZ-RL
−40°C to +85°C
120-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-120-3
1 Z = RoHS Compliant Part.
*COMPLIANT TO JEDEC STANDARDS MO-275-CCCE-1 WITH
EXCEPTION TO PACKAGE HEIGHT.
0.35
0.30
0.25
1.08
1.01
0.94
0.50
0.50 REF
A
B
C
D
E
F
G
9
10
8
11
12
13
14
15
7
5
642
31
BOTTOM VIEW
7.00
BSC SQ
H
J
K
L
M
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.08
BALL DIAMETER
SEATING
PLANE
A1 BALL
CORNER
A1 BALL
CORNER
8.10
8.00 SQ
7.90
0.22 NOM
0.17 MIN
*1.35
1.23
1.14
N
P
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com