Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 33 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 29Page - Analog Devices ADUCM350 Datasheet HTML 30Page - Analog Devices ADUCM350 Datasheet HTML 31Page - Analog Devices ADUCM350 Datasheet HTML 32Page - Analog Devices ADUCM350 Datasheet HTML 33Page - Analog Devices ADUCM350 Datasheet HTML 34Page - Analog Devices ADUCM350 Datasheet HTML 35Page - Analog Devices ADUCM350 Datasheet HTML 36Page - Analog Devices ADUCM350 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 32 of 40
MEASUREMENT STAGE
The AFE consists of a multiplexed input, 160 kSPS, 16-bit ADC
with four dedicated voltage measurement channels and up to
eight multiplexed current measurement channels using the on-
chip transimpedance amplifier. The multiplexed channels are
filtered and differentially buffered prior to data conversion.
The ADC data can be interrogated using three methods.
• By raw data at 160 kSPS.
• At the output of a 50 Hz/60 Hz filter at 900 SPS.
• Through a discrete Fourier transform (DFT) engine.
The power line filter is optimized for fast settling, just 36.6 ms
settling. Data at 900 SPS can be further decimated by the user
without requiring additional filtering.
Figure 39. Power Line Rejection Modeling
The DFT engine performs a 2048-point single frequency
discrete Fourier transform. It takes the 16-bit ADC output and
converts it to complex impedance with real and imaginary
components. As the ADC samples at 160 kSPS, this allows for a
79.5 Hz signal energy bandwidth, which gives excellent
rejection of interferers.
Figure 40. Frequency Response, 2048-Point DFT at 20 kHz
Figure 41. Rx Stage
0
–20
–40
–60
–80
–100
0
100
200
300
400
500
FREQUENCY (Hz)
NOTCHES ARCHITECTED AT 50Hz
AND 60Hz TO REJECT POWER LINE
INTERFERENCE
FREQUENCY (Hz)
600
700
800
900
0
500
1000
1500
2000
2500
3000
3500
4000
0
–20
–40
–60
–80
–100
FREQUENCY (Hz)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100
50
0
–50
–100
–150
–200
RTIA
CTIA
TIA_I
TIA_O
VBIAS
AN_A
AN_B
AN_C
AN_D
DVDD/2
VCCM
VBIAS
ADC
VREF = 1.8V
+
–
+
–
+
+
–
–
+
–
+
–
+
–
AVDD/2
TEMPERATURE
SENSOR
PRECISION
REFERENCE
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com