Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 3Page - Analog Devices ADUCM350 Datasheet HTML 4Page - Analog Devices ADUCM350 Datasheet HTML 5Page - Analog Devices ADUCM350 Datasheet HTML 6Page - Analog Devices ADUCM350 Datasheet HTML 7Page - Analog Devices ADUCM350 Datasheet HTML 8Page - Analog Devices ADUCM350 Datasheet HTML 9Page - Analog Devices ADUCM350 Datasheet HTML 10Page - Analog Devices ADUCM350 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 6 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC ON LEAKAGE2
T, N, and P Switches
530
pA
Sum value for 25 switches, including NL
D Switches
340
pA
Sum value for eight switches
1
RON characterized with a voltage sweep from 0 V to VCCM. Production tested at 1.8 V.
2
See Figure 38 as a reference. The AFE x pin is driven to 0.2 V.
TRANSIMPEDANCE AMPLIFIER SPECIFICATIONS
Table 5. Transimpedance Amplifier Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TRANSIMPEDANCE AMPLIFIER
Maximum Current Sink/Source
±5
mA
Ensure an RTIA selection to generate ±750 mV swing for optimal
linearity performance
Short-Circuit Protection Functionality
10
mA
ADC SPECIFICATIONS
Table 6. ADC Specifications1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ADC
Input Range
0.35
1.85
V
Internal reference
No Missing Codes
16
Bits
DNL
±0.9
LSB
INL
±0.7
LSB
@ 160 kSPS with respect to an optimal
voltage range of ±750 mV, from 0°C to
50°C
±1
LSB
@ 160 kSPS with respect to an optimal
voltage range of ±750 mV, from −40°C to
+85°C
Sample Rate After Decimation
160
kSPS
3 dB Bandwidth
54
kHz
1
RTIA = 7.5 kΩ, CTIA = 220 pF; ±100 μA current measurement.
TEMPERATURE SENSOR SPECIFICATIONS
Table 7. Temperature Sensor Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR
Accuracy
±1
°C
0°C to 50°C, trimmed at 25°C
±2
°C
−40°C to +85°C, trimmed at +25°C
CapTouch
Table 8. CapTouch Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CapTouch™ CHARACTERISTICS
Core Resolution
14
Bits
Core SNR
60
dB
1 kHz test tone, input range of ADC = 1.8 V
CAPT_x
±10
nA
GPIO leakage test
Update Rate
7.5
1E6
µs
Programmable, dependent on configuration
Update Rate per Sensor
7.5
µs
No filtering enabled, clock = 16 MHz
CAPT_x Input Range
±8
pF
∆CIN is register programmable from 0.5 pF to
9.3 pF
CAPT_x Offset (CapDAC) Range
75
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com