Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 17 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 13Page - Analog Devices ADUCM350 Datasheet HTML 14Page - Analog Devices ADUCM350 Datasheet HTML 15Page - Analog Devices ADUCM350 Datasheet HTML 16Page - Analog Devices ADUCM350 Datasheet HTML 17Page - Analog Devices ADUCM350 Datasheet HTML 18Page - Analog Devices ADUCM350 Datasheet HTML 19Page - Analog Devices ADUCM350 Datasheet HTML 20Page - Analog Devices ADUCM350 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 16 of 40
Figure 4. I2S-Compatible Interface Receiver Timing
SPI Timing
SPIH can be used for high data rate peripherals.
Table 31. SPI Master Mode Timing1
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width2
(SPIXDIV[5:0] + 1) × tUCLK
ns
tSH
SCLK high pulse width2
(SPIXDIV[5:0] + 1) × tUCLK
ns
tDAV
Data output valid after SCLK edge
0
35.5
ns
tDOSU
Data output setup before SCLK edge2
(SPIDIV + 1) × tUCLK
ns
tDSU
Data input setup time before SCLK edge
58.7
ns
tDHD
Data input hold time after SCLK edge
16
ns
tDF
Data output fall time
12
35.5
ns
tDR
Data output rise time
12
35.5
ns
tSR
SCLK rise time
12
35.5
ns
tSF
SCLK fall time
12
35.5
ns
1 Guaranteed by design.
2 tUCLK = 62.5 ns. It corresponds to the maximum internal clock frequency before clock dividers.
Figure 5. SPI Master Mode Timing (Phase Mode = 1)
SCLK
SD
AND
WS
tSR ≥ 0.2T
VH = 2.0V
VL =0.8V
tHTR ≥ 0
tLC ≥ 0.35T
tHC ≥ 0.35T
T
NOTES
1. SD = SERIAL DATA, WS = WORD SELECT, WS = 0: CHANNEL 1 (LEFT), WS = 1: CHANNEL 2 (RIGHT).
SCLK
(POLARITY = 0)
CS
1/2 SCLK
CYCLE
SCLK
(POLARITY = 1)
MOSI
MSB
BIT 6 TO BIT 1
LSB
MISO
MSB IN
BIT 6 TO BIT 1
LSB IN
tSH
tCS
tSL
3/4 SCLK
CYCLE
tSFS
tSR
tSF
tDR
tDF
tDAV
tDSU
tDHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com