Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM350 Datasheet(PDF) 23 Page - Analog Devices

Part # ADUCM350
Description  16-Bit Precision, Low Power Meter On A Chip with Cortex-M3 and Connectivity
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM350 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADUCM350 Datasheet HTML 19Page - Analog Devices ADUCM350 Datasheet HTML 20Page - Analog Devices ADUCM350 Datasheet HTML 21Page - Analog Devices ADUCM350 Datasheet HTML 22Page - Analog Devices ADUCM350 Datasheet HTML 23Page - Analog Devices ADUCM350 Datasheet HTML 24Page - Analog Devices ADUCM350 Datasheet HTML 25Page - Analog Devices ADUCM350 Datasheet HTML 26Page - Analog Devices ADUCM350 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
ADuCM350
Data Sheet
Rev. A | Page 22 of 40
Pin No.
Mnemonic
I/O1
I/O Supply2
GPIO
Pull-Up/Down2
Description
SPI H
R3
P0.12/SPIH_SCLK
I/O
VCCM_DIG
Pull-up
GPIO/Serial Port H Clock. This is a dual
function pin.
P2
P0.13/SPIH_MISO
I/O
VCCM_DIG
Pull-up
GPIO/Serial Port H MISO. This is a dual
function pin.
P3
P0.14/SPIH_MOSI
I/O
VCCM_DIG
Pull-up
GPIO/Serial Port H MOSI. This is a dual
function pin.
M2
P0.15/SPIH_CS
I/O
VCCM_DIG
Pull-up
GPIO/Serial Port H Chip Select (Active Low).
This is a dual function pin.
Other Serial Ports
F14
P3.0/SPI0_SCLK
I/O
VDD_IO
Pull-up
GPIO/SPI 0 SCLK. This is a dual function pin.
G14
P3.1/SPI0_MISO
I/O
VDD_IO
Pull-up
GPIO/SPI 0 MISO. This is a dual function pin.
F15
P3.2/SPI0_MOSI
I/O
VDD_IO
Pull-up
GPIO/SPI 0 MOSI. This is a dual function pin.
F10
P3.3/SPI0_CS
I/O
VDD_IO
Pull-up
GPIO/SPI 0 Chip Select (Active Low). This is a
dual function pin.
G10
P3.4/I2CSCL/SPI1_SCLK
I/O
VDD_IO
Pull-up
GPIO (External Interrupt 7)/I2C Clock/SPI 1
SCLK. This is a multifunction pin.
H10
P3.5/I2CSD/SPI1_MISO
I/O
VDD_IO
Pull-up
GPIO/I2C Data/SPI 1 MISO. This is a
multifunction pin.
G15
P3.6/UTX/TOUTB/SPI1_MOSI
I/O
VDD_IO
Pull-up
GPIO/UART Tx/Timer B Output/SPI 1 MOSI.
This is a multifunction pin.
J10
P3.7/URX/TOUTC/SPI1_CS
I/O
VDD_IO
Pull-up
GPIO/UART Rx/Timer C Output/SPI 1 Chip
Select (Active Low). This is a multifunction pin.
USB
F1
USB DM
I/O
VCCM_DIG
N/A
USB Data −.
G1
USB DP
I/O
VCCM_DIG
N/A
USB Data +.
CapTouch Interface
K15
P0.0/CAPT_A
A
VCCM_DIG
Pull-up
GPIO (External Interrupt 1)/CapTouch A. This is
a dual function pin.
J15
P0.1/CAPT_B
A
VCCM_DIG
Pull-up
GPIO (External Interrupt 2)/CapTouch B. This is
a dual function pin.
L15
P0.2/CAPT_C
A
VCCM_DIG
Pull-up
GPIO (External Interrupt 3)/CapTouch C. This is
a dual function pin.
K14
P0.3/CAPT_D
A
VCCM_DIG
Pull-up
GPIO (External Interrupt 4)/CapTouch D. This
is a dual function pin.
J14
P0.4/CAPT_E
A
VCCM_DIG
Pull-up
GPIO (External Interrupt 5)/CapTouch E. This is
a dual function pin.
L14
P0.5/CAPT_F
A
VCCM_DIG
Pull-up
GPIO (External Interrupt 6)/CapTouch F. This is
a dual function pin.
P14
AGND CTOUCH
G
N/A
N/A
Capacitance to Digital Converter AC Shield.
System Clocks
P1
LF_XTAL1
A
RTC_VBACK
N/A
32 kHz XTAL Pin.
N1
LF_XTAL2
A
RTC_VBACK
N/A
32 kHz XTAL Pin.
D1
HF_XTAL1
A
DVDD
N/A
16 MHz XTAL Pin.
C1
HF_XTAL2
A
DVDD
N/A
16 MHz XTAL Pin.
Display
E2
VLCD FLY1
A
VLCD VDD
N/A
LCD Flying Capacitor Top Plate.
F2
VLCD FLY2
A
VLCD VDD
N/A
LCD Flying Capacitor Bottom Plate.
D2
VLCDVDD
S
N/A
N/A
Full-Scale LCD Voltage Output or VLCD Supply.
C2
V_LCD_13
A
VLCD VDD
N/A
One-Third (1/3) LCD Voltage. Leave this pin as
no connect.
B1
V_LCD_23
A
VLCD VDD
N/A
Two-Thirds (2/3) LCD Voltage. Leave this pin
as no connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com