Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3305 Datasheet (PDF) - Unisonic Technologies

L3305 Datasheet PDF - Unisonic Technologies
Part # L3305
Download  L3305 Download
File Size   100.71 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW VOLTAGE CLASS B AMPLIFIER

L3305 Datasheet (PDF)

Go To PDF Page Download Datasheet
L3305 Datasheet PDF - Unisonic Technologies

Part # L3305
Download  L3305 Click to download

File Size   100.71 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW VOLTAGE CLASS B AMPLIFIER

L3305 Datasheet (HTML) - Unisonic Technologies


L3305 Product details

■ DESCRIPTION
The UTC L3305 can be operated as a class B amplifier. It can also operated as a medium power "vari-bias" class A amplifier.
It include a preamplifier with adjustable gain and a power amplifier.

■ FEATURES
* Low Operating Voltage range (1V~3V)
* Low Operating current consumption
* Feedback stabilized gain less than 80 dB
* Output power exceeds 140 dBSPL




Similar Part No. - L3305

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3305G-P14-R UTC-L3305G-P14-R Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
L3305G-S14-R UTC-L3305G-S14-R Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
L3305 UTC-L3305_15 Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
More results


Similar Description - L3305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2230 TOSHIBA-2SC2230 Datasheet
180Kb / 3P
TRANSISTOR (HIGH VOLTAGE GENERAL AMPLIFIER, COLOR TV CLASS B SOUND OUTPUT APPLICATIONS)
2SC3963 TOSHIBA-2SC3963 Datasheet
174Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE GENERAL AMPLIFIER, COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
logo
List of Unclassifed Man...
LC552 ETC-LC552 Datasheet
131Kb / 3P
High Power Class B Amplifier
logo
Cirrus Logic
CS44L11 CIRRUS-CS44L11 Datasheet
476Kb / 34P
Low Voltage Class-D PWM Headphone Amplifier
logo
Microsemi Corporation
LX1792 MICROSEMI-LX1792 Datasheet
202Kb / 9P
Low Voltage, Low Power, AudioMite Class-D Audio Amplifier
logo
List of Unclassifed Man...
204-A ETC2-204-A Datasheet
423Kb / 2P
R.F. POWER AMPLIFIER, OSCILLATOR, CLASS B MODULATOR
logo
NXP Semiconductors
AN10436 PHILIPS-AN10436 Datasheet
930Kb / 55P
TDA8932B/33(B) Class-D audio amplifier
Rev. 01-12 December 2007
logo
Unisonic Technologies
L3305 UTC-L3305_15 Datasheet
202Kb / 5P
LOW VOLTAGE CLASS B AMPLIFIER
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-1 TIANBO-HJQ-15F-1 Datasheet
1Mb / 3P
Class B/F available
logo
Toshiba Semiconductor
2SC2483 TOSHIBA-2SC2483 Datasheet
112Kb / 3P
HIGH VOLTAGE GENERAL AMPLIFIER APPLICATIONS. COLOR TV CLASS B SOUND OUTPUT APPLICATIONS.
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com