Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5101 Datasheet (PDF) - Unisonic Technologies

L5101 Datasheet PDF - Unisonic Technologies
Part # L5101
Download  L5101 Download
File Size   134.59 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description WHITE LED STEP-UP CONVERTER

L5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5101 Datasheet PDF - Unisonic Technologies

Part # L5101
Download  L5101 Click to download

File Size   134.59 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description WHITE LED STEP-UP CONVERTER

L5101 Datasheet (HTML) - Unisonic Technologies


L5101 Product details

DESCRIPTION
The UTC L5101 is a fixed frequency step-up PWM DC/DC converter and designed for white LEDS driving with a constant current to provide backlight in handheld devices. The device switches at a high frequency 1.2MHz by an internal N-channel MOSFET switch to be capable of minimum external components using.
The UTC L5101 can drive up to 5 LEDs in series by a Li-Ion cell. Series connection of LEDS provides identical LED currents resulting in uniform brightness without ballast resistors. The low 95mV feedback voltage minimizes power loss in the current setting resistor can have better efficiency.

FEATURES
* Built-In Open Circuit Protection
* Built-In Over Voltage Protection
* High Efficiency(Up to 84% at VIN=4.2V, 3 LEDs, ILED=20mA)
* 1.2MHz fixed switching frequency
* Low supply current: 70µA
* Matches LED current
* Requires tiny inductor and capacitors




Similar Part No. - L5101

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5101 UTC-L5101 Datasheet
259Kb / 10P
WHITE LED STEP-UP CONVERTER
L5101G-AG6-R UTC-L5101G-AG6-R Datasheet
259Kb / 10P
WHITE LED STEP-UP CONVERTER
L5101G-AG6-R UTC-L5101G-AG6-R Datasheet
259Kb / 10P
WHITE LED STEP-UP CONVERTER
L5101 UTC-L5101_10 Datasheet
259Kb / 10P
WHITE LED STEP-UP CONVERTER
L5101 UTC-L5101_15 Datasheet
259Kb / 10P
WHITE LED STEP-UP CONVERTER
More results


Similar Description - L5101

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com