Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-2102-2LA Datasheet (PDF) - Lite-On Technology Corporation

PS-2102-2LA Datasheet PDF - Lite-On Technology Corporation
Part # PS-2102-2LA
Download  PS-2102-2LA Download
File Size   354.8 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Automation Panel Mount Series

PS-2102-2LA Datasheet (PDF)

Go To PDF Page Download Datasheet
PS-2102-2LA Datasheet PDF - Lite-On Technology Corporation

Part # PS-2102-2LA
Download  PS-2102-2LA Click to download

File Size   354.8 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Automation Panel Mount Series

PS-2102-2LA Datasheet (HTML) - Lite-On Technology Corporation


PS-2102-2LA Product details

Description
This is a high-power factor (PF), AC to DC switching mode power supply unit which can output 1KW watts continuous with forced cooling by a smart FSC (fan speed control) circuitry. There is a built-in auxiliary converter (5VSB) for system control signal usage purpose. It complies with worldwide safety and EMC regulations (refer to details below). And also, it is suitable for various industrial applications.
Features
* Full AC input voltage range design.
* High power factor and less fictitious power.
* Withstand 300Vac surge voltage for 5 seconds.
* Full Protections: Short-circuit/ Over-voltage/ Over-current/ Over temperature.
* LED indicator for normal output voltage operating.
* 1U low profile.
* IEC/EN 62368-1 design compliance.
* Up to 5000 meters operating altitude (note#4)
* High efficiency and high reliability.
* Remote control and DC OK signal




Similar Part No. - PS-2102-2LA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
Low Insertion Loss
logo
SIRENZA MICRODEVICES
PS-2-4000S SIRENZA-PS-2-4000S Datasheet
87Kb / 1P
IN-PHASE TWO-WAY POWER COMBINER/DIVIDER 20-4000 MHz
logo
SOVICO corp.
PS-20 SOVICO-PS-20 Datasheet
297Kb / 2P
Power Supply
PS-200 SOVICO-PS-200 Datasheet
1Mb / 1P
Power Sequening System
Feb. 2017.
More results


Similar Description - PS-2102-2LA

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
Industrial Automation Software
logo
Silicon Laboratories
SI863X SILABS-SI863X Datasheet
780Kb / 36P
Industrial automation systems
SI871X SILABS-SI871X Datasheet
1Mb / 35P
Industrial automation
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
Industrial automation
logo
Lite-On Technology Corp...
HA-1101-24LF LITEON-HA-1101-24LF Datasheet
399Kb / 3P
Industrial Automation Panel Mount Series
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
Industrial Automation Panel Mount Series
HA-1201-24LF LITEON-HA-1201-24LF Datasheet
431Kb / 3P
Industrial Automation Panel Mount Series
HA-1201-24NL LITEON-HA-1201-24NL Datasheet
453Kb / 3P
Industrial Automation Panel Mount Series
HA-1351-24NL LITEON-HA-1351-24NL Datasheet
432Kb / 3P
Industrial Automation Panel Mount Series
PA-1401-1LA LITEON-PA-1401-1LA Datasheet
375Kb / 3P
Industrial Automation Panel Mount Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com