Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5095 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC5095 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC5095
Download  2SC5095 Download
File Size   256.56 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Low Noise Bipolar Transistor

2SC5095 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5095 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC5095
Download  2SC5095 Click to download

File Size   256.56 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Low Noise Bipolar Transistor

2SC5095 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC5095 Product details

DESCRIPTION
·Low Noise Figure
NF = 1.4 dB TYP. @VCE = 6V, IC = 3mA, f = 1GHz
·High Gain
︱S21︱2 =13dB TYP. @VCE= 6 V,IC = 7 mA,f = 1GHz
APPLICATIONS
·Designed for use in low noise ,high-gain amplifiers and
linear broadband amplifiers.




Similar Part No. - 2SC5095

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5095 TOSHIBA-2SC5095 Datasheet
344Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC5095 TOSHIBA-2SC5095 Datasheet
459Kb / 7P
VHF~UHF Band Low Noise Amplifier Applications
2SC5095 TOSHIBA-2SC5095 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5095-O TOSHIBA-2SC5095-O Datasheet
459Kb / 7P
VHF~UHF Band Low Noise Amplifier Applications
More results


Similar Description - 2SC5095

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41511 HP-AT-41511 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
Infineon Technologies A...
BFP540FESD INFINEON-BFP540FESD_13 Datasheet
538Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-05
BFP540ESD INFINEON-BFP540ESD_13 Datasheet
628Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-13
BFP540 INFINEON-BFP540_13 Datasheet
578Kb / 10P
Low Noise Silicon Bipolar RF Transistor
2013-09-20
BFP420F INFINEON-BFP420F_12 Datasheet
1Mb / 30P
Low Noise Silicon Bipolar RF Transistor
Revision 1.1, 2012-11-07
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
Inchange Semiconductor ...
AT41511 ISC-AT41511 Datasheet
268Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
2SC5012 ISC-2SC5012 Datasheet
272Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com