Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-41511 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT-41511 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT-41511
Download  AT-41511 Download
File Size   103.88 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description General Purpose, Low Noise NPN Silicon Bipolar Transistor

AT-41511 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-41511 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT-41511
Download  AT-41511 Click to download

File Size   103.88 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description General Purpose, Low Noise NPN Silicon Bipolar Transistor

AT-41511 Datasheet (HTML) - Agilent(Hewlett-Packard)


AT-41511 Product details

Description

Hewlett-Packard’s AT-41511 and AT-41533 are general purpose NPN bipolar transistors that offer excellent high frequency performance at an economical price. The AT-41533 uses the 3␣ lead SOT-23, while the AT-41511 places the same die in the lower parasitic 4 lead SOT-143. Both packages are industry standard, and compatible with high volume surface mount assembly techniques.



Features

• General Purpose NPN Bipolar Transistor

• 900 MHz Performance:

   AT-41511: 1 dB NF, 15.5 dB GA

   AT-41533: 1 dB NF, 14.5 dB GA

• Characterized for 3, 5, and 8 Volt Use

• SOT-23 and SOT-143 SMT Plastic Packages

• Tape-and-Reel Packaging Option Available[1]



 




Similar Part No. - AT-41511

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-41511 AVAGO-AT-41511 Datasheet
143Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
AT-41511-BLKG AVAGO-AT-41511-BLKG Datasheet
143Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
AT-41511-TR1G AVAGO-AT-41511-TR1G Datasheet
143Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
AT-41511-TR2G AVAGO-AT-41511-TR2G Datasheet
143Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
More results


Similar Description - AT-41511

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-41511 AVAGO-AT-41511 Datasheet
143Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free
logo
Infineon Technologies A...
BFP540FESD INFINEON-BFP540FESD_13 Datasheet
538Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-05
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
AVAGO TECHNOLOGIES LIMI...
AT-41532 AVAGO-AT-41532 Datasheet
1Mb / 14P
General Purpose, Low Current NPN Silicon Bipolar Transistor
logo
Inchange Semiconductor ...
AT41511 ISC-AT41511 Datasheet
268Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
2SC5012 ISC-2SC5012 Datasheet
272Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
logo
AiT Semiconductor Inc.
BFG425W AITSEMI-BFG425W Datasheet
664Kb / 6P
GENERAL PURPOSE TRANSISTOR RF NPN TRANSISTOR MICROWAVE LOW NOISE
REV1.0
logo
Inchange Semiconductor ...
2SC5095 ISC-2SC5095 Datasheet
256Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com