Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2153131042 Datasheet (PDF) - Molex Electronics Ltd.

2153131042 Datasheet PDF - Molex Electronics Ltd.
Part # 2153131042
Download  2153131042 Download
File Size   342.98 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MizuP25 P-S 4ckt 150mm Sn

2153131042 Datasheet (PDF)

Go To PDF Page Download Datasheet
2153131042 Datasheet PDF - Molex Electronics Ltd.

Part # 2153131042
Download  2153131042 Click to download

File Size   342.98 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MizuP25 P-S 4ckt 150mm Sn

2153131042 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2153131042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153131021 MOLEX-2153131021 Datasheet
327Kb / 1P
MizuP25 P-S 2ckt 300mm Sn
2020/07/20
2153131022 MOLEX-2153131022 Datasheet
327Kb / 1P
MizuP25 P-S 2ckt 300mm Sn
2020/07/20
2153131023 MOLEX-2153131023 Datasheet
327Kb / 1P
MizuP25 P-S 2ckt 300mm Sn
2020/07/20
2153131031 MOLEX-2153131031 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
2153131032 MOLEX-2153131032 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
More results


Similar Description - 2153131042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153101041 MOLEX-2153101041 Datasheet
313Kb / 1P
MizuP25 R-R 4ckt 150mm Sn
2020/07/20
2153111021 MOLEX-2153111021 Datasheet
319Kb / 1P
MizuP25 R-S 2ckt 150mm Sn
2020/07/20
2153111031 MOLEX-2153111031 Datasheet
323Kb / 1P
MizuP25 R-S 3ckt 150mm Sn
2020/07/20
2153111041 MOLEX-2153111041 Datasheet
339Kb / 1P
MizuP25 R-S 4ckt 150mm Sn
2020/07/20
2153121021 MOLEX-2153121021 Datasheet
308Kb / 1P
MizuP25 P-P 2ckt 150mm Sn
2020/07/20
2153121031 MOLEX-2153121031 Datasheet
314Kb / 1P
MizuP25 P-P 3ckt 150mm Sn
2020/07/20
2153121041 MOLEX-2153121041 Datasheet
316Kb / 1P
MizuP25 P-P 4ckt 150mm Sn
2020/07/20
2153131031 MOLEX-2153131031 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
2166221041 MOLEX-2166221041 Datasheet
369Kb / 1P
SQUBA3.6 P-P 4CKT 150MM Sn
2020/07/08
2166231041 MOLEX-2166231041 Datasheet
353Kb / 1P
SQUBA3.6 P-S 4CKT 150MM Sn
2020/07/21
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com