Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2166231041 Datasheet (PDF) - Molex Electronics Ltd.

2166231041 Datasheet PDF - Molex Electronics Ltd.
Part # 2166231041
Download  2166231041 Download
File Size   353.26 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SQUBA3.6 P-S 4CKT 150MM Sn

2166231041 Datasheet (PDF)

Go To PDF Page Download Datasheet
2166231041 Datasheet PDF - Molex Electronics Ltd.

Part # 2166231041
Download  2166231041 Click to download

File Size   353.26 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SQUBA3.6 P-S 4CKT 150MM Sn

2166231041 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2166231041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2166231021 MOLEX-2166231021 Datasheet
339Kb / 1P
SQUBA3.6 P-S 2CKT 150MM Sn
2020/07/21
2166231022 MOLEX-2166231022 Datasheet
339Kb / 1P
SQUBA3.6 P-S 2CKT 150MM Sn
2020/07/21
2166231023 MOLEX-2166231023 Datasheet
339Kb / 1P
SQUBA3.6 P-S 2CKT 150MM Sn
2020/07/21
2166231031 MOLEX-2166231031 Datasheet
350Kb / 1P
SQUBA3.6 P-S 3CKT 150MM Sn
2020/07/21
2166231032 MOLEX-2166231032 Datasheet
350Kb / 1P
SQUBA3.6 P-S 3CKT 150MM Sn
2020/07/21
More results


Similar Description - 2166231041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2166221031 MOLEX-2166221031 Datasheet
365Kb / 1P
SQUBA3.6 P-P 3CKT 150MM Sn
2020/07/08
2153111041 MOLEX-2153111041 Datasheet
339Kb / 1P
MizuP25 R-S 4ckt 150mm Sn
2020/07/20
2153121041 MOLEX-2153121041 Datasheet
316Kb / 1P
MizuP25 P-P 4ckt 150mm Sn
2020/07/20
2153131041 MOLEX-2153131041 Datasheet
342Kb / 1P
MizuP25 P-S 4ckt 150mm Sn
2020/07/20
2162881041 MOLEX-2162881041 Datasheet
334Kb / 1P
MX150 P-S DR 4ckt 150mm Sn sealed cable
2020/08/31
2166211041 MOLEX-2166211041 Datasheet
334Kb / 1P
SQUBA3.6 R-S 4CKT 150MM Sn
2020/07/21
2166221021 MOLEX-2166221021 Datasheet
350Kb / 1P
SQUBA3.6 P-P 2CKT 150MM Sn
2020/07/08
2166221041 MOLEX-2166221041 Datasheet
369Kb / 1P
SQUBA3.6 P-P 4CKT 150MM Sn
2020/07/08
2166231021 MOLEX-2166231021 Datasheet
339Kb / 1P
SQUBA3.6 P-S 2CKT 150MM Sn
2020/07/21
2166231031 MOLEX-2166231031 Datasheet
350Kb / 1P
SQUBA3.6 P-S 3CKT 150MM Sn
2020/07/21
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com