Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2166231021 Datasheet (PDF) - Molex Electronics Ltd.

2166231021 Datasheet PDF - Molex Electronics Ltd.
Part # 2166231021
Download  2166231021 Download
File Size   339.02 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SQUBA3.6 P-S 2CKT 150MM Sn

2166231021 Datasheet (PDF)

Go To PDF Page Download Datasheet
2166231021 Datasheet PDF - Molex Electronics Ltd.

Part # 2166231021
Download  2166231021 Click to download

File Size   339.02 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description SQUBA3.6 P-S 2CKT 150MM Sn

2166231021 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2166231021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2166231031 MOLEX-2166231031 Datasheet
350Kb / 1P
SQUBA3.6 P-S 3CKT 150MM Sn
2020/07/21
2166231032 MOLEX-2166231032 Datasheet
350Kb / 1P
SQUBA3.6 P-S 3CKT 150MM Sn
2020/07/21
2166231033 MOLEX-2166231033 Datasheet
350Kb / 1P
SQUBA3.6 P-S 3CKT 150MM Sn
2020/07/21
2166231041 MOLEX-2166231041 Datasheet
353Kb / 1P
SQUBA3.6 P-S 4CKT 150MM Sn
2020/07/21
2166231042 MOLEX-2166231042 Datasheet
353Kb / 1P
SQUBA3.6 P-S 4CKT 150MM Sn
2020/07/21
More results


Similar Description - 2166231021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2166211023 MOLEX-2166211023 Datasheet
323Kb / 1P
SQUBA3.6 R-S 2CKT 600MM Sn
2020/07/21
2166221031 MOLEX-2166221031 Datasheet
365Kb / 1P
SQUBA3.6 P-P 3CKT 150MM Sn
2020/07/08
2153111021 MOLEX-2153111021 Datasheet
319Kb / 1P
MizuP25 R-S 2ckt 150mm Sn
2020/07/20
2153121021 MOLEX-2153121021 Datasheet
308Kb / 1P
MizuP25 P-P 2ckt 150mm Sn
2020/07/20
2166201021 MOLEX-2166201021 Datasheet
323Kb / 1P
SQUBA3.6 R-R 2CKT 150MM Sn
2020/07/08
2166211041 MOLEX-2166211041 Datasheet
334Kb / 1P
SQUBA3.6 R-S 4CKT 150MM Sn
2020/07/21
2166221021 MOLEX-2166221021 Datasheet
350Kb / 1P
SQUBA3.6 P-P 2CKT 150MM Sn
2020/07/08
2166221041 MOLEX-2166221041 Datasheet
369Kb / 1P
SQUBA3.6 P-P 4CKT 150MM Sn
2020/07/08
2166231031 MOLEX-2166231031 Datasheet
350Kb / 1P
SQUBA3.6 P-S 3CKT 150MM Sn
2020/07/21
2166231041 MOLEX-2166231041 Datasheet
353Kb / 1P
SQUBA3.6 P-S 4CKT 150MM Sn
2020/07/21
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com