Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF040B Datasheet (PDF) - Microchip Technology

SST25VF040B Datasheet PDF - Microchip Technology
Part # SST25VF040B_V01
Download  SST25VF040B Download
File Size   1366.51 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Mbit SPI Serial Flash

SST25VF040B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST25VF040B Datasheet PDF - Microchip Technology

Part # SST25VF040B_V01
Download  SST25VF040B Click to download

File Size   1366.51 Kbytes
Page   31 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Mbit SPI Serial Flash

SST25VF040B Datasheet (HTML) - Microchip Technology


SST25VF040B Product details

Description
The 25 series Serial Flash family features a four-wire,
SPI-compatible interface that allows for a low pin-count
package which occupies less board space and ultimately
lowers total system costs. The SST25VF040B
devices are enhanced with improved operating frequency
and even lower power consumption.
SST25VF040B SPI serial Flash memories are manufactured
with proprietary, high-performance CMOS
SuperFlash® technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
SST25VF040B devices significantly improve performance
and reliability, while lowering power consumption.
The devices write (Program or Erase) with a single
power supply of 2.7V-3.6V for SST25VF040B. The total
energy consumed is a function of the applied voltage,
current, and time of application. Since for any given
voltage range, the SuperFlash technology uses less
current to program and has a shorter erase time, the
total energy consumed during any erase or program
operation is less than alternative Flash memory technologies.

Features
• Single Voltage Read and Write Operations:
- 2.7V-3.6V
• Serial Interface Architecture:
- SPI Compatible: Mode 0 and Mode 3
• High-Speed Clock Frequency:
- Up to 50 MHz
• Superior Reliability:
- Endurance: 100,000 Cycles (typical)
- Greater than 100 years Data Retention
• Low-Power Consumption:
- Active Read Current: 10 mA (typical)
- Standby Current: 5 μA (typical)
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Uniform 32-Kbyte overlay blocks
- Uniform 64-Kbyte overlay blocks
• Fast Erase and Byte Program:
- Chip Erase Time: 35 ms (typical)
- Sector/Block Erase Time: 18 ms (typical)
- Byte Program Time: 7 μs (typical)
• Auto Address Increment (AAI) Programming:
- Decrease total chip programming time over
Byte Program operations
• End of Write Detection:
- Software polling the BUSY bit in STATUS
Register
- Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#):
- Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#):
- Enables/Disables the Lock-Down function of
the STATUS register
• Software Write Protection:
- Write protection through Block Protection bits
in STATUS register
• Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: -40°C to +85°C
• All devices are RoHS compliant




Similar Part No. - SST25VF040B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040B-50-4C-QAE SST-SST25VF040B-50-4C-QAE Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
439Kb / 31P
4 Mbit SPI Serial Flash
2015
More results


Similar Description - SST25VF040B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
4 Mbit SPI Serial Flash
2015
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com