Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6401 Datasheet (PDF) - Microchip Technology

SST38VF6401 Datasheet PDF - Microchip Technology
Part # SST38VF6401_V01
Download  SST38VF6401 Download
File Size   7548.83 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64 Mbit (x16) Advanced Multi-Purpose Flash Plus

SST38VF6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST38VF6401 Datasheet PDF - Microchip Technology

Part # SST38VF6401_V01
Download  SST38VF6401 Click to download

File Size   7548.83 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64 Mbit (x16) Advanced Multi-Purpose Flash Plus

SST38VF6401 Datasheet (HTML) - Microchip Technology


SST38VF6401 Product details

The SST38VF6401/6402/6403/6404 are 4M x16 CMOS Advanced Multi-Purpose
Flash Plus (Advanced MPF+) devices manufactured with proprietary, high-performance
CMOS Super- Flash technology. The split-gate cell design and thick-oxide
tunneling injector attain better reliability and manufacturability compared with
alternate approaches. The SST38VF6401/6402/6403/6404 write (Program or
Erase) with a 2.7-3.6V power supply. This device conforms to JEDEC standard
pin assignments for x16 memories.

Features
• Organized as 4M x16
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Superior Reliability
– Endurance: 100,000 Cycles minimum
– Greater than 100 years Data Retention3
• Low Power Consumption (typical values at 5 MHz)
– Active Current: 4 mA (typical)
– Standby Current: 3 μA (typical)
– Auto Low Power Mode: 3 μA (typical)
• 128-bit Unique ID
• Security-ID Feature
– 256 Word, user One-Time-Programmable
• Protection and Security Features
– Hardware Boot Block Protection/WP# Input Pin, Uniform
(32 KWord) and Non-Uniform (8 KWord) options
available
– User-controlled individual block (32 KWord) protection,
using software only methods
– Password protection
• Hardware Reset Pin (RST#)
• Fast Read and Page Read Access Times:
– 90 ns Read access time
– 25 ns Page Read access times
- 4-Word Page Read buffer
• Latched Address and Data
• Fast Erase Times:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
• Erase-Suspend/-Resume Capabilities
• Fast Word and Write-Buffer Programming Times:
– Word-Program Time: 7 μs (typical)
– Write Buffer Programming Time: 1.75 μs / Word (typical)
- 16-Word Write Buffer
• Automatic Write Timing
– Internal VPP Generation
• End-of-Write Detection
– Toggle Bits
– Data# Polling
– RY/BY# Output
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pinouts and command sets
• CFI Compliant
• Packages Available
– 48-lead TSOP
– 48-ball TFBGA
• All devices are RoHS compliant




Similar Part No. - SST38VF6401_V01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6401-90-5C-B3KE MICROCHIP-SST38VF6401-90-5C-B3KE Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401-90-5C-EKE MICROCHIP-SST38VF6401-90-5C-EKE Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401-90-5I-B3KE MICROCHIP-SST38VF6401-90-5I-B3KE Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401-90-5I-EKE MICROCHIP-SST38VF6401-90-5I-EKE Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
More results


Similar Description - SST38VF6401_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com