Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF6401B Datasheet (PDF) - Microchip Technology

SST39VF6401B Datasheet PDF - Microchip Technology
Part # SST39VF6401B_V01
Download  SST39VF6401B Download
File Size   4115.59 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64 Mbit (x16) Multi-Purpose Flash Plus

SST39VF6401B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39VF6401B Datasheet PDF - Microchip Technology

Part # SST39VF6401B_V01
Download  SST39VF6401B Click to download

File Size   4115.59 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64 Mbit (x16) Multi-Purpose Flash Plus

SST39VF6401B Datasheet (HTML) - Microchip Technology


SST39VF6401B Product details

Features
• Organized as 4M x16
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Superior Reliability
– Endurance: 100,000 Cycles (Typical)
– Greater than 100 years Data Retention
• Low Power Consumption (typical values at 5 MHz)
– Active Current: 9 mA (typical)
– Standby Current: 3 μA (typical)
– Auto Low Power Mode: 3 μA (typical)
• Hardware Block-Protection/WP# Input Pin
– Top Block-Protection (top 32 KWord)
for SST39VF6402B
– Bottom Block-Protection (bottom 32 KWord)
for SST39VF6401B
• Sector-Erase Capability
– Uniform 2 KWord sectors
• Block-Erase Capability
– Uniform 32 KWord blocks
• Chip-Erase Capability
• Erase-Suspend/Erase-Resume Capabilities
• Hardware Reset Pin (RST#)
• Security-ID Feature
– Microchip: 128 bits; User: 128 bits
• Fast Read Access Time:
– 70 ns
• Latched Address and Data
• Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
– Word-Program Time: 7 μs (typical)
• Automatic Write Timing
– Internal VPP Generation
• End-of-Write Detection
– Toggle Bits
– Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pin Assignments
– Software command sequence compatibility
- Address format is 11 bits, A10-A0
- Block-Erase 6th Bus Write Cycle is 30H
- Sector-Erase 6th Bus Write Cycle is 50H
• Packages Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TFBGA (8mm x 10mm)
• All devices are RoHS compliant




Similar Part No. - SST39VF6401B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B-70-4C-B1K SST-SST39VF6401B-70-4C-B1K Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B-70-4C-B1KE SST-SST39VF6401B-70-4C-B1KE Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B-70-4C-B1KE MICROCHIP-SST39VF6401B-70-4C-B1KE Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF6401B-70-4C-EK SST-SST39VF6401B-70-4C-EK Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B-70-4C-EKE SST-SST39VF6401B-70-4C-EKE Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
More results


Similar Description - SST39VF6401B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com