Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF3201C Datasheet (PDF) - Microchip Technology

SST39VF3201C Datasheet PDF - Microchip Technology
Part # SST39VF3201C
Download  SST39VF3201C Download
File Size   1042.65 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32-Mbit (x16) Multi-Purpose Flash Plus

SST39VF3201C Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39VF3201C Datasheet PDF - Microchip Technology

Part # SST39VF3201C
Download  SST39VF3201C Click to download

File Size   1042.65 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32-Mbit (x16) Multi-Purpose Flash Plus

SST39VF3201C Datasheet (HTML) - Microchip Technology


SST39VF3201C Product details

Features
• Organized as 2M x16
• Single Voltage Read and Write Operations:
- 2.7V-3.6V
• Superior Reliability:
- Endurance: 100,000 Cycles (Typical)
- Greater than 100 years Data Retention
• Low-Power Consumption (typical values at
5 MHz):
- Active Current: 6 mA (typical)
- Standby Current: 4 μA (typical)
- Auto Low-Power Mode: 4 μA (typical)
• Hardware Block Protection/WP# Input Pin:
- Top Block Protection (top two 4-KWord
blocks)
for SST39VF3202C
- Bottom Block-Protection (bottom two 4-
KWord blocks) for SST39VF3201C
• Sector-Erase Capability:
- Uniform 2 KWord sectors
• Block-Erase Capability:
- Flexible block architecture
- Eight 4-KWord blocks, 63 32-KWord blocks
• Chip-Erase Capability
• Erase-Suspend/Erase-Resume Capabilities
• Hardware Reset Pin (RST#)
• Security-ID Feature:
- Microchip: 128 bits; User: 128 words
• Fast Read Access Time:
- 70 ns
• Latched Address and Data
• Fast Erase and Word-Program:
- Sector-Erase Time: 18 ms (typical)
- Block-Erase Time: 18 ms (typical)
- Chip-Erase Time: 35 ms (typical)
- Word-Program Time: 7 μs (typical)
• Automatic Write Timing:
- Internal VPP Generation
• End-of-Write Detection:
- Toggle Bits
- Data# Polling
- RY/BY# Pin
• CMOS I/O Compatibility
• JEDEC Standard:
- Flash EEPROM Pin Assignments
• Packages Available:
- 48-lead TSOP (12 mm x 20 mm)
- 48-ball TFBGA (6 mm x 8 mm)
• All devices are RoHS compliant




Similar Part No. - SST39VF3201C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF3201C SST-SST39VF3201C Datasheet
363Kb / 37P
32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
logo
Microchip Technology
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C-70-4C-B3KE MICROCHIP-SST39VF3201C-70-4C-B3KE Datasheet
264Kb / 37P
32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C-70-4C-EKE MICROCHIP-SST39VF3201C-70-4C-EKE Datasheet
264Kb / 37P
32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF3201C-70-4I-B3KE MICROCHIP-SST39VF3201C-70-4I-B3KE Datasheet
264Kb / 37P
32 Mbit (x16) Multi-Purpose Flash Plus
07/14
More results


Similar Description - SST39VF3201C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
32 Mbit (x16) Multi-Purpose Flash
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF3201B SST-SST39VF3201B_13 Datasheet
904Kb / 29P
32 Mbit x16 Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
32 Mbit (x16) Multi-Purpose Flash Plus
07/14
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com