Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4527B Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD4527B Datasheet PDF - Texas Instruments
Part # CD4527B
Download  CD4527B Download
File Size   856.89 Kbytes
Page   19 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CMOS BCD Rate Multiplier

CD4527B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4527B Datasheet PDF - Texas Instruments

Part # CD4527B
Download  CD4527B Click to download

File Size   856.89 Kbytes
Page   19 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CMOS BCD Rate Multiplier

CD4527B Datasheet (HTML) - Texas Instruments


CD4527B Product details

Features:
* Cascadable in multiples of 4-bits
* Set to “9” input and, ‘8" detect output
* 100% test for quiescent current at 20 V
* 5.V, 10-V, and 15-V parametric ratings
* Standardized, symmetrical output
characteristics
* Maximum input eurrent of 1 uA at 18 V over
full package-temperature range; 100 nA at
18 Vand 25°C
* Noise margin (full packege-tsmperature
range) =
1VatVpp= BV
2veVpp=10V
25VatVpp=15V
* Meets all requirements of JEDEC Tentative
Standard No. 13B,'Standard Specifications
for Description of ‘B’ Series CMOS Devices'




Similar Part No. - CD4527B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4527B TI-CD4527B Datasheet
265Kb / 6P
CMOS BCD RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
CD4527B TI2-CD4527B Datasheet
824Kb / 19P
CMOS BCD Rate Multiplier
Revised July 2003
CD4527BE TI1-CD4527BE Datasheet
1,009Kb / 14P
CMOS BCD Rata Multiplier
CD4527BE TI2-CD4527BE Datasheet
824Kb / 19P
CMOS BCD Rate Multiplier
Revised July 2003
More results


Similar Description - CD4527B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
BCD rate multiplier
January 1995
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
CMOS BINARY RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
265Kb / 6P
CMOS BCD RATE MULTIPLIER
logo
Intersil Corporation
CD4089BMS INTERSIL-CD4089BMS Datasheet
92Kb / 10P
CMOS Binary Rate Multiplier
December 1992
CD4527BMS INTERSIL-CD4527BMS Datasheet
101Kb / 11P
CMOS BCD Rate Multiplier
December 1992
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
BCD Rate Multiplier
logo
Texas Instruments
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
CMOS Binary Rate Multiplier
CD4527BE TI1-CD4527BE Datasheet
1,009Kb / 14P
CMOS BCD Rata Multiplier
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
CMOS BINARY RATE MULTIPLIER
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com