Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4527BMS Datasheet (PDF) - Intersil Corporation

CD4527BMS Datasheet PDF - Intersil Corporation
Part # CD4527BMS
Download  CD4527BMS Download
File Size   101.22 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS BCD Rate Multiplier

CD4527BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4527BMS Datasheet PDF - Intersil Corporation

Part # CD4527BMS
Download  CD4527BMS Click to download

File Size   101.22 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS BCD Rate Multiplier

CD4527BMS Datasheet (HTML) - Intersil Corporation


CD4527BMS Product details

Description

CD4527BMS is a low power 4-bit digital rate multiplier that provides an output pulse rate which is the clock input pulse rate multiplied by 1/10 times the BCD input. For example, when the BCD input is 8, there will be 8 output pulses for every 10 input pulses. This device may be used to perform arithmetic operations (add, subtract, divide, raise to a power), solve algebraic and differential equations, generate natural logarithms and trigonometric functions, A/D and D/A conversion, and frequency division.



Features

• High Voltage Type (20V Rating)

• Cascadable in Multiples of 4-Bits

• Set to “9” Input and “9” Detect Output

• 100% Tested for Quiescent Current at 20V

• 5V, 10V and 15V Parametric Ratings

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25°C

• Noise Margin (Over Full Package/Temperature Range)

- 1V at VDD = 5V

- 2V at VDD = 10V

- 2.5V at VDD = 15V

• Standardized Symmetrical Output Characteristics

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4527BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4527B TI-CD4527B Datasheet
265Kb / 6P
CMOS BCD RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
CD4527B TI1-CD4527B Datasheet
856Kb / 19P
CMOS BCD Rate Multiplier
Revised July 2003
CD4527B TI2-CD4527B Datasheet
824Kb / 19P
CMOS BCD Rate Multiplier
Revised July 2003
CD4527BE TI1-CD4527BE Datasheet
1,009Kb / 14P
CMOS BCD Rata Multiplier
More results


Similar Description - CD4527BMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
BCD rate multiplier
January 1995
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
CMOS BINARY RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
265Kb / 6P
CMOS BCD RATE MULTIPLIER
logo
Intersil Corporation
CD4089BMS INTERSIL-CD4089BMS Datasheet
92Kb / 10P
CMOS Binary Rate Multiplier
December 1992
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
BCD Rate Multiplier
logo
Texas Instruments
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
CMOS Binary Rate Multiplier
CD4527BE TI1-CD4527BE Datasheet
1,009Kb / 14P
CMOS BCD Rata Multiplier
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
CMOS BINARY RATE MULTIPLIER
CD4527B TI1-CD4527B_V01 Datasheet
856Kb / 19P
CMOS BCD Rate Multiplier
Revised July 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com