Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM358A Datasheet PDF - Texas Instruments
Part # LM358A
Download  LM358A Download
File Size   4012.99 Kbytes
Page   62 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Industry-Standard Dual Operational Amplifiers

LM358A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM358A Datasheet PDF - Texas Instruments

Part # LM358A
Download  LM358A Click to download

File Size   4012.99 Kbytes
Page   62 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Industry-Standard Dual Operational Amplifiers

LM358A Datasheet (HTML) - Texas Instruments


LM358A Product details

1 Features
• Wide supply range of 3 V to 36 V (B, BA versions)
• Quiescent current: 300 μA/ch (B, BA versions)
• Unity-gain bandwidth of 1.2 MHz (B, BA versions)
• Common-mode input voltage range includes
ground, enabling direct sensing near ground
• 2-mV input offset voltage max. at 25°C (BA
version)
• 3-mV input offset voltage max. at 25°C (A, B
versions)
• Internal RF and EMI filter (B, BA versions)
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. On
all other products, production processing does not
necessarily include testing of all parameters.

2 Applications
• Merchant network and server power supply units
• Multi-function printers
• Power supplies and mobile chargers
• Motor control: AC induction, brushed DC,
brushless DC, high-voltage, low-voltage,
permanent magnet, and stepper motor
• Desktop PC and motherboard
• Indoor and outdoor air conditioners
• Washers, dryers, and refrigerators
• AC inverters, string inverters, central inverters, and
voltage frequency drives
• Uninterruptible power supplies
• Electronic point-of-sale systems

3 Description
The LM358B and LM2904B devices are the
next-generation versions of the industry-standard
operational amplifiers (op amps) LM358 and LM2904,
which include two high-voltage (36 V) op amps.
These devices provide outstanding value for costsensitive
applications, with features including low
offset (300 μV, typical), common-mode input range to
ground, and high differential input voltage capability.
The LM358B and LM2904B op amps simplify circuit
design with enhanced features such as unity-gain
stability, lower offset voltage maximum of 3 mV (2 mV
maximum for LM358BA and LM2904BA), and lower
quiescent current of 300 μA per amplifier (typical).
High ESD (2 kV, HBM) and integrated EMI and RF
filters enable the LM358B and LM2904B devices to be
used in the most rugged, environmentally challenging
applications.
The LM358B and LM2904B amplifiers are available
in micro-sized packaging, such as the SOT23-8, as
well as industry standard packages including SOIC,
TSSOP, and VSSOP.




Similar Part No. - LM358A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM358A PHILIPS-LM358A Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
Texas Instruments
LM358A TI-LM358A Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM358A TI-LM358A Datasheet
459Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358A ONSEMI-LM358A Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
More results


Similar Description - LM358A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158 TI1-LM158_18 Datasheet
1Mb / 47P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_19 Datasheet
2Mb / 48P
Industry-Standard Dual Operational Amplifiers
LM2904-Q1 TI1-LM2904-Q1_19 Datasheet
1Mb / 28P
industry-standard dual operational amplifiers for automotive applications
LM158 TI1-LM158_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_V02 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358 TI-LM358_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V03 Datasheet
4Mb / 61P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V04 Datasheet
4Mb / 64P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V05 Datasheet
3Mb / 66P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V06 Datasheet
3Mb / 62P
Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com