Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62065 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS62065 Datasheet PDF - Texas Instruments
Part # TPS62065
Download  TPS62065 Download
File Size   2308.39 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package

TPS62065 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62065 Datasheet PDF - Texas Instruments

Part # TPS62065
Download  TPS62065 Click to download

File Size   2308.39 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package

TPS62065 Datasheet (HTML) - Texas Instruments


TPS62065 Product details

1 Features
• New product available: TPS628502-Q1, 6-V Step-
Down Converter in SOT583 Package
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
operating junction temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 3-MHz switching frequency
• VIN range from 2.9 V to 6 V
• Up to 97% efficiency
• Power save mode and 3-MHz fixed PWM mode
• Power-good output
• Output voltage accuracy in PWM mode ±1.5%
• Output capacitor discharge function
• Typical 18-μA quiescent current
• 100% duty cycle for lowest dropout
• Voltage Positioning
• Clock dithering
• Available in a 2 × 2 × 0.75-mm WSON

2 Applications
• Advanced driver assistance systems
• Automotive infotainment and cluster

3 Description
The TPS62065-Q1, TPS62067-Q1, and TPS62067AQ1
devices are highly-efficient, synchronous, stepdown
DC/DC converters. The device provides up to
2-A output current.
With an input voltage range of 2.9 V to 6 V the
device is an excellent fit for power conversion from
a 5-V or 3.3-V system supply rail. The TPS62065-Q1
and TPS62067-Q1 device operates at 3-MHz fixed
frequency and enters power-save mode operation at
light load currents to maintain high efficiency over
the entire load current range. The power save mode
is optimized for low output-voltage ripple. For low
noise applications, the TPS62065-Q1 device can be
forced into fixed frequency PWM mode by pulling
the MODE pin high. The TPS62067-Q1 provides an
open drain power good output and has a power
save mode, while the TPS62067A-Q1 operates in
fixed frequency PWM mode. In the shutdown mode,
the current consumption is reduced to 5 μA and
an internal circuit discharges the output capacitor.
The TPS62065-Q1, TPS62067-Q1, and TPS62067AQ1
devices are optimized for operation with a tiny
1-μH inductor and a small 10-μF output capacitor
to achieve smallest design size and high regulation
performance.
The new product, TPS628502-Q1, offers reduced
BOM cost and size, higher efficiency and other
features.




Similar Part No. - TPS62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI2-TPS62065 Datasheet
2Mb / 29P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm × 2-mm SON Package
REVISED OCTOBER 2020
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI2-TPS62065-Q1 Datasheet
2Mb / 29P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm × 2-mm SON Package
REVISED OCTOBER 2020
More results


Similar Description - TPS62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
1-A Step Down Converter in 2 x 2 SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com