Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62065 Datasheet (PDF) - Texas Instruments

TPS62065 Datasheet PDF - Texas Instruments
Part # TPS62065
Download  TPS62065 Download
File Size   2783.61 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm × 2-mm SON Package

TPS62065 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62065 Datasheet PDF - Texas Instruments

Part # TPS62065
Download  TPS62065 Click to download

File Size   2783.61 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm × 2-mm SON Package

TPS62065 Datasheet (HTML) - Texas Instruments


TPS62065 Product details

1 Features
• 3-MHz Switching Frequency
• VIN Range from 2.9 V to 6 V
• Up to 97% Efficiency
• Power Save Mode / 3-MHz Fixed PWM Mode
• Power Good Output
• Output Voltage Accuracy in PWM Mode ±1.5%
• Output Capacitor Discharge Function
• Typical 18 μA Quiescent Current
• 100% Duty Cycle for Lowest Dropout
• Voltage Positioning
• Clock Dithering
• -40°C to 125°C Operating Junction Temperature
• Supports Maximum 1-mm Height Solutions
• Available in a 2 mm x 2 mm x 0.75 mm WSON

2 Applications
• Point of Load (POL)
• Notebooks, Pocket PCs
• Portable Media Players
• DSP Supply

3 Description
The TPS6206x is a family of highly efficient
synchronous step down DC/DC converters. They
provide up to 2-A output current.
With an input voltage range of 2.9 V to 6 V, the device
is a perfect fit for power conversion from a 5-V or 3.3-
V system supply rail. The TPS6206x operates at 3-
MHz fixed frequency and enters power save mode
operation at light load currents to maintain high
efficiency over the entire load current range. The
power save mode is optimized for low output voltage
ripple. For low noise applications, TPS62065 can be
forced into fixed frequency PWM mode by pulling the
MODE pin high. TPS62067 provides an open drain
power good output.
In the shutdown mode, the current consumption is
reduced to less than 1 μA and an internal circuit
discharges the output capacitor.
TPS6206x family is optimized for operation with a tiny
1 μH inductor and a small 10-μF output capacitor to
achieve smallest solution size and high regulation
performance.
It is available in a small 2-mm × 2-mm × 0.75-mm 8-
pin WSON package.




Similar Part No. - TPS62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62065 TI1-TPS62065 Datasheet
2Mb / 30P
TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
2Mb / 30P
TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
More results


Similar Description - TPS62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
1-A Step Down Converter in 2 x 2 SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com