Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672-AB3-R Datasheet (PDF) - Unisonic Technologies

2SC4672-AB3-R Datasheet PDF - Unisonic Technologies
Part # 2SC4672-AB3-R
Download  2SC4672-AB3-R Download
File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY TRANSISTOR (50V,2A)

2SC4672-AB3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4672-AB3-R Datasheet PDF - Unisonic Technologies

Part # 2SC4672-AB3-R
Download  2SC4672-AB3-R Click to download

File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY TRANSISTOR (50V,2A)

2SC4672-AB3-R Datasheet (HTML) - Unisonic Technologies


2SC4672-AB3-R Product details

DESCRIPTION
The UTC 2SC4672 is a low frequency transistor. Excellent DC current gain characteristics.

FEATURES
* Low Saturation Voltage, Typically VCE(SAT)=0.1V at IC / IB=1A / 50mA
* Excellent DC Current Gain Characteristics




Similar Part No. - 2SC4672-AB3-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4672-P MCC-2SC4672-P Datasheet
219Kb / 2P
NPN Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC4672-P KEXIN-2SC4672-P Datasheet
1Mb / 2P
NPN Transistors
logo
Micro Commercial Compon...
2SC4672-P MCC-2SC4672-P Datasheet
654Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC4672-P YFWDIODE-2SC4672-P Datasheet
591Kb / 3P
NPN Transistors
logo
Micro Commercial Compon...
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Similar Description - 2SC4672-AB3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB514 SANYO-2SB514 Datasheet
85Kb / 3P
50V/2A Low-Frequency Power Amp Applications?
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
37Kb / 2P
Low Frequency Transistor (50V, 2A)
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
2SD2661 ROHM-2SD2661 Datasheet
65Kb / 3P
Low frequency amplifier transistor(12V,2A)
2SB1443 ROHM-2SB1443 Datasheet
118Kb / 3P
Power Transistor (-50V, -2A)
logo
SeCoS Halbleitertechnol...
MMBT619 SECOS-MMBT619 Datasheet
63Kb / 2P
2A , 50V NPN Plastic Encapsulated Transistor
logo
Rohm
2SC4672T100Q ROHM-2SC4672T100Q Datasheet
74Kb / 3P
Low Frequency Transistor (50V, 3A)
2SC4672T100P ROHM-2SC4672T100P Datasheet
74Kb / 3P
Low Frequency Transistor (50V, 3A)
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-50V / -2A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (50V / 2A)
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com