Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC4672-AB3-R
Description  LOW FREQUENCY TRANSISTOR (50V,2A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4672-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC4672-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC4672-AB3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO.,
2SC4672
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R208-004.B
LOW FREQUENCY
TRANSISTOR (50V,2A)
DESCRIPTION
The UTC 2SC4672 is a low frequency transistor. Excellent DC
current gain characteristics.
FEATURES
*Low saturation voltage, typically VCE (sat)=0.1V at
IC / IB=1A / 50mA
*Excellent DC current gain characteristics
MARKING
SOT-89
1
*Pb-free plating product number: 2SC4672L
PIN CONFIGURATION
PIN NO.
PIN NAME
1
Emitter
2
Collector
3
Base
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
2SC4672-AB3-R 2SC4672L-AB3-R
SOT-89
Tape Reel
XX
DK


Similar Part No. - 2SC4672-AB3-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4672-P MCC-2SC4672-P Datasheet
219Kb / 2P
NPN Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC4672-P KEXIN-2SC4672-P Datasheet
1Mb / 2P
NPN Transistors
logo
Micro Commercial Compon...
2SC4672-P MCC-2SC4672-P Datasheet
654Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC4672-P YFWDIODE-2SC4672-P Datasheet
591Kb / 3P
NPN Transistors
logo
Micro Commercial Compon...
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
NPN Plastic-Encapsulate Transistors
More results

Similar Description - 2SC4672-AB3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB514 SANYO-2SB514 Datasheet
85Kb / 3P
50V/2A Low-Frequency Power Amp Applications?
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
37Kb / 2P
Low Frequency Transistor (50V, 2A)
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
2SD2661 ROHM-2SD2661 Datasheet
65Kb / 3P
Low frequency amplifier transistor(12V,2A)
2SB1443 ROHM-2SB1443 Datasheet
118Kb / 3P
Power Transistor (-50V, -2A)
logo
SeCoS Halbleitertechnol...
MMBT619 SECOS-MMBT619 Datasheet
63Kb / 2P
2A , 50V NPN Plastic Encapsulated Transistor
logo
Rohm
2SC4672T100Q ROHM-2SC4672T100Q Datasheet
74Kb / 3P
Low Frequency Transistor (50V, 3A)
2SC4672T100P ROHM-2SC4672T100P Datasheet
74Kb / 3P
Low Frequency Transistor (50V, 3A)
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-50V / -2A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (50V / 2A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com