Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549 Datasheet (PDF) - Analog Devices

AD9549 Datasheet PDF - Analog Devices
Part # AD9549
Download  AD9549 Download
File Size   942.38 Kbytes
Page   78 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Input Network Clock Generator/Synchronizer

AD9549 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9549 Datasheet PDF - Analog Devices

Part # AD9549
Download  AD9549 Click to download

File Size   942.38 Kbytes
Page   78 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Input Network Clock Generator/Synchronizer

AD9549 Datasheet (HTML) - Analog Devices


AD9549 Product details

GENERAL DESCRIPTION
The AD9549 provides synchronization for many systems, including synchronous optical networks (SONET/SDH). The AD9549 generates an output clock, synchronized to one of two external input references. The external references may contain significant time jitter, also specified as phase noise. Using a digitally controlled loop and holdover circuitry, the AD9549 continues to generate a clean (low jitter), valid output clock during a loss of reference condition, even when both references have failed.
The AD9549 operates over an industrial temperature range of −40°C to +85°C.

FEATURES
   Flexible reference inputs
   Input frequencies: 8 kHz to 750 MHz
   Two reference inputs
   Loss of reference indicators
   Auto and manual holdover modes
   Auto and manual switchover modes
   Smooth A-to-B phase transition on outputs
   Excellent stability in holdover mode
   Programmable 16 + 1-bit input divider, R
   Differential HSTL clock output
   Output frequencies to 750 MHz
   Low jitter clock doubler for frequencies of >400 MHz
   Single-ended CMOS output for frequencies of <150 MHz
   Programmable digital loop filter (<1 Hz to ~100 kHz)
   High speed digitally controlled oscillator (DCO) core
      Direct digital synthesizer (DDS) with integrated 14-bit DAC
   Excellent dynamic performance
   Programmable 16 + 1-bit feedback divider, S
   Software controlled power-down
   Available 64-lead LFCSP package

APPLICATIONS
   Network synchronization
   Reference clock jitter cleanup
   SONET/SDH clocks up to OC-192, including FEC
   Stratum 3/3E reference clocks
   Wireless base station, controllers
   Cable infrastructure
   Data communications




Similar Part No. - AD9549

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549ABCPZ-REEL7 AD-AD9549ABCPZ-REEL7 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549APCBZ AD-AD9549APCBZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
More results


Similar Description - AD9549

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9547 AD-AD9547 Datasheet
1Mb / 104P
Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9548 AD-AD9548 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
logo
Raltron Electronics Cor...
SY02-HP2O RALTRON-SY02-HP2O Datasheet
170Kb / 5P
LOW INPUT/ HIGH DUAL OUTPUT FREQUENCY CLOCK/SYNCHRONIZER
logo
Analog Devices
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
Quad/Octal Input Network Clock Generator/Synchronizer
12/14-Rev. F to Rev. G
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com