Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet (PDF) - Analog Devices

AD9547 Datasheet PDF - Analog Devices
Part # AD9547
Download  AD9547 Download
File Size   1760.33 Kbytes
Page   104 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Input Network Clock Generator/Synchronizer

AD9547 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9547 Datasheet PDF - Analog Devices

Part # AD9547
Download  AD9547 Click to download

File Size   1760.33 Kbytes
Page   104 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual/Quad Input Network Clock Generator/Synchronizer

AD9547 Datasheet (HTML) - Analog Devices


AD9547 Product details

GENERAL DESCRIPTION
The AD9547 provides synchronization for many systems, including synchronous optical networks (SONET/SDH). The AD9547 generates an output clock that is synchronized to one of two differential or four single-ended external input references. The digital PLL allows for reduction of input time jitter or phase noise associated with the external references. The AD9547 continuously generates a clean (low jitter), valid output clock, even when all references fail, by means of digitally controlled loop and holdover circuitry.
The AD9547 operates over an industrial temperature range of −40°C to +85°C.

FEATURES
   Supports Stratum 2 stability in holdover mode
   Supports reference switchover with phase build-out
   Supports hitless reference switchover
   Automatic/manual holdover and reference switchover
   2 pairs of reference input pins, with each pair configurable
      as a single differential input or as 2 independent single-ended inputs
   Input reference frequencies from 1 kHz to 750 MHz
   Reference validation and frequency monitoring (1 ppm)
   Programmable input reference switchover priority
   30-bit programmable input reference divider
   2 pairs of clock output pins, with each pair configurable as
      a single differential LVDS/LVPECL output or as 2 single-ended CMOS outputs
   Output frequencies up to 450 MHz
   20-bit integer and 10-bit fractional programmable feedback
      divider
   Programmable digital loop filter covering loop bandwidths
      from 0.001 Hz to 100 kHz
   Optional low noise LC-VCO system clock multiplier
   Optional crystal resonator for system clock input
   On-chip EEPROM to store multiple power-up profiles
   Software controlled power-down
   64-lead LFCSP package

APPLICATIONS
   Network synchronization
   Cleanup of reference clock jitter
   SONET/SDH clocks up to OC-192, including FEC
   Stratum 2 holdover, jitter cleanup, and phase transient
      control
   Stratum 3E and Stratum 3 reference clocks
   Wireless base stations, controllers
   Cable infrastructure
   Data communications




Similar Part No. - AD9547

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9547 AD-AD9547 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9547BCPZ AD-AD9547BCPZ Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9547BCPZ-REEL7 AD-AD9547BCPZ-REEL7 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
More results


Similar Description - AD9547

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC9894 ETC-MPC9894 Datasheet
367Kb / 28P
Quad Input Redundant IDCS Clock Generator
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
942Kb / 78P
Dual Input Network Clock Generator/Synchronizer
AD9548 AD-AD9548 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
logo
Analog Devices
AD9542 AD-AD9542 Datasheet
1Mb / 61P
Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
9/2017-Revision 0
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
Quad/Octal Input Network Clock Generator/Synchronizer
12/14-Rev. F to Rev. G
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com