Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6043 Datasheet (PDF) - Unisonic Technologies

A6043 Datasheet PDF - Unisonic Technologies
Part # A6043
Download  A6043 Download
File Size   97.49 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description FM STEREO MULTIPLEX

A6043 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6043 Datasheet PDF - Unisonic Technologies

Part # A6043
Download  A6043 Click to download

File Size   97.49 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description FM STEREO MULTIPLEX

A6043 Datasheet (HTML) - Unisonic Technologies


A6043 Product details

DESCRIPTION

The UTC A6043 is Phase Locked Loop(PLL) FM stereo multiplex IC. It is suitable for automotive applications and portable radio applications.



FEATURES

* Low and wide operation: VCC= 3V~12V

* High pilot lamp ON sensitivity: VL(ON) = 9mVrms (Typ.)

* Suitable for LED driving: ILAMP = 20mA (Max.)

* Recommendable input voltage range: VIN = 200~700mVrms

* Low distortion: THD = 0.08% (Typ.) at VIN = 200mVrms(Stereo)

* VCO stop capability stereo lamp and turn off are simultaneously operated by connect pin 7 to VCC.

* Easy adjustment (The monitored free running frequency of VCO is 38kHz at pin 6.)




Similar Part No. - A6043

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A6043 UTC-A6043 Datasheet
152Kb / 4P
FM STEREO MULTIPLEX
A6043-G09-T UTC-A6043-G09-T Datasheet
152Kb / 4P
FM STEREO MULTIPLEX
A6043G-G09-T UTC-A6043G-G09-T Datasheet
186Kb / 4P
FM STEREO MULTIPLEX
A6043G-S14-R UTC-A6043G-S14-R Datasheet
186Kb / 4P
FM STEREO MULTIPLEX
A6043L-G09-T UTC-A6043L-G09-T Datasheet
152Kb / 4P
FM STEREO MULTIPLEX
More results


Similar Description - A6043

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL1009 DAEWOO-DBL1009 Datasheet
226Kb / 4P
PLL FM STEREO MULTIPLEX
DBL1035 DAEWOO-DBL1035 Datasheet
440Kb / 8P
PLL FM STEREO MULTIPLEX
DBL1085 DAEWOO-DBL1085 Datasheet
431Kb / 7P
PLL FM STEREO MULTIPLEX
logo
Panasonic Semiconductor
AN7470 PANASONIC-AN7470 Datasheet
193Kb / 3P
FM STEREO MULTIPLEX DEMODULATOR
logo
List of Unclassifed Man...
CD7343CS ETC1-CD7343CS Datasheet
159Kb / 5P
FM STEREO MULTIPLEX DECODER
AN7410N ETC1-AN7410N Datasheet
349Kb / 3P
FM STEREO MULTIPLEX DEMODULATOR
TA7413AP ETC-TA7413AP Datasheet
455Kb / 16P
PLL FM STEREO MULTIPLEX
logo
Unisonic Technologies
TA7342P UTC-TA7342P Datasheet
131Kb / 3P
PLL FM STEREO MULTIPLEX
A6043 UTC-A6043_10 Datasheet
152Kb / 4P
FM STEREO MULTIPLEX
A6043 UTC-A6043_15 Datasheet
186Kb / 4P
FM STEREO MULTIPLEX
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com