Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7342P Datasheet (PDF) - Unisonic Technologies

TA7342P Datasheet PDF - Unisonic Technologies
Part # TA7342P
Download  TA7342P Download
File Size   131.28 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PLL FM STEREO MULTIPLEX

TA7342P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7342P Datasheet PDF - Unisonic Technologies

Part # TA7342P
Download  TA7342P Click to download

File Size   131.28 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PLL FM STEREO MULTIPLEX

TA7342P Datasheet (HTML) - Unisonic Technologies


TA7342P Product details

DESCRIPTION

The UTC TA7342P is a PLL FM stereo multiplex integrated circuit, designed for portable radio applications.





FEATURES

*Wide operating supply voltage : Vcc=1.8V-5V

*Suitable for LED driving : Ilamp=8mA(max.)

*VCO stop capability (The VCO is stopped when the  LPF2 termianl is connected to the power supply line,  and the the stereo indicator is turn off.)

*Easy Adjustment (The monitored free running 

 frequency of VCO is 76kHz at stereo Lamp terminal




Similar Part No. - TA7342P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
TA7342P UTC-TA7342P_15 Datasheet
134Kb / 3P
PLL FM STEREO MULTIPLEX
More results


Similar Description - TA7342P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
PLL FM Multiplex Stereo Demodulator
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
PLL FM Multiplex Stereo Demodulator for Car Stereo
logo
Daewoo Semiconductor
DBL1009 DAEWOO-DBL1009 Datasheet
226Kb / 4P
PLL FM STEREO MULTIPLEX
DBL1035 DAEWOO-DBL1035 Datasheet
440Kb / 8P
PLL FM STEREO MULTIPLEX
DBL1085 DAEWOO-DBL1085 Datasheet
431Kb / 7P
PLL FM STEREO MULTIPLEX
logo
List of Unclassifed Man...
DBL1026 ETC-DBL1026 Datasheet
257Kb / 5P
PLL FM STEREO MULTIPLEX
TA7413AP ETC-TA7413AP Datasheet
455Kb / 16P
PLL FM STEREO MULTIPLEX
logo
Unisonic Technologies
A6043 UTC-A6043 Datasheet
97Kb / 4P
FM STEREO MULTIPLEX
A6043 UTC-A6043_15 Datasheet
186Kb / 4P
FM STEREO MULTIPLEX
TA7342P UTC-TA7342P_15 Datasheet
134Kb / 3P
PLL FM STEREO MULTIPLEX
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com