Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7342P Datasheet (PDF) - List of Unclassifed Manufacturers

TA7342P Datasheet PDF - List of Unclassifed Manufacturers
Part # TA7342P
Download  TA7342P Download
File Size   70.14 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LINEAR INTEGRATED CIRCUIT

TA7342P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7342P Datasheet PDF - List of Unclassifed Manufacturers

Part # TA7342P
Download  TA7342P Click to download

File Size   70.14 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LINEAR INTEGRATED CIRCUIT

TA7342P Datasheet (HTML) - List of Unclassifed Manufacturers


TA7342P Product details

DESCRIPTION

The UTC TA7342P is a PLL FM stereo multiplex integrated circuit, designed for portable radio applications.



FEATURES

*Wide operating supply voltage : Vcc=1.8V-5V

*Suitable for LED driving : Ilamp=8mA(max.)

*VCO stop capability (The VCO is stopped when the  LPF2 termianl is connected to the power supply line,  and the the stereo indicator is turn off.)

*Easy Adjustment (The monitored free running 

 frequency of VCO is 76kHz at stereo Lamp terminal




Similar Part No. - TA7342P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA7342P UTC-TA7342P Datasheet
131Kb / 3P
PLL FM STEREO MULTIPLEX
TA7342P UTC-TA7342P_15 Datasheet
134Kb / 3P
PLL FM STEREO MULTIPLEX
More results


Similar Description - TA7342P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com