Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3370 Datasheet (PDF) - Sanyo Semicon Device

LA3370 Datasheet PDF - Sanyo Semicon Device
Part # LA3370
Download  LA3370 Download
File Size   389.91 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM Multiplex Stereo Demodulator for Car Stereo

LA3370 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3370 Datasheet PDF - Sanyo Semicon Device

Part # LA3370
Download  LA3370 Click to download

File Size   389.91 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM Multiplex Stereo Demodulator for Car Stereo

LA3370 Datasheet (HTML) - Sanyo Semicon Device


LA3370 Product details

Overview
The LA3370 is a multiplex IC for FM car stereo, and it has the following 2 functions through its utilization of the IF meter output voltage, etc.
1. Stereo noise control (SNC) under which the noise particular to the FM stereo unit in the weak electric field is reduced smoothly.
2. High-cut control (HCC) under which the high frequency is smoothly attenuated. In additioin, the LA3370 can be, due to its low distortion factor, an IC for multiplex stereo demodulator which is appropriate for the car component stereo unit.

Features
• Low distortion factor. (0.05% typ. 300mV input, mono)
• The ripple of power source can effectively be rejected. (35dB typ.)
• The range of voltage to be used is wide. (VCC=6.5 to 14V)
• The space factor is advantageous because of the single-end package.
• The printed circuit board can easily be prepared as 3mm pitch is used between the pins.




Similar Part No. - LA3370

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3373 SANYO-LA3373 Datasheet
136Kb / 1P
PLL MULTIPLEX STEREO DEMODULATOR
LA3375 SANYO-LA3375 Datasheet
287Kb / 11P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
More results


Similar Description - LA3370

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7411 PANASONIC-AN7411 Datasheet
201Kb / 3P
fM STEREO MULTIPLEX DEMODULATOR
AN7465K-S PANASONIC-AN7465K-S Datasheet
334Kb / 9P
FM NOISE CANCELLER/STEREO MULTIPLEX DEMODULATOR FOR CAR RADIO
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
PLL FM Multiplex Stereo Demodulator
logo
Daewoo Semiconductor
DBL1085 DAEWOO-DBL1085 Datasheet
431Kb / 7P
PLL FM STEREO MULTIPLEX
logo
Panasonic Semiconductor
AN7470 PANASONIC-AN7470 Datasheet
193Kb / 3P
FM STEREO MULTIPLEX DEMODULATOR
AN7420N PANASONIC-AN7420N Datasheet
273Kb / 3P
FM Stereo Multiplex Demodulator
logo
fujitsu semiconductor
MB4105 FUJITSU-MB4105 Datasheet
566Kb / 11P
FM Stereo Multiplex Demodulator
logo
Sanyo Semicon Device
LA3350 SANYO-LA3350 Datasheet
136Kb / 1P
PLL MULTIPLEX STEREO DEMODULATOR
logo
List of Unclassifed Man...
AN7410N ETC1-AN7410N Datasheet
349Kb / 3P
FM STEREO MULTIPLEX DEMODULATOR
TA7413AP ETC-TA7413AP Datasheet
455Kb / 16P
PLL FM STEREO MULTIPLEX
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com