Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3375 Datasheet (PDF) - Sanyo Semicon Device

LA3375 Datasheet PDF - Sanyo Semicon Device
Part # LA3375
Download  LA3375 Download
File Size   287.49 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos

LA3375 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3375 Datasheet PDF - Sanyo Semicon Device

Part # LA3375
Download  LA3375 Click to download

File Size   287.49 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos

LA3375 Datasheet (HTML) - Sanyo Semicon Device


LA3375 Product details

Overview
The LA3375 integrates two functions : skip-noise prevention and pilot cancelling. It is a multiplex, 16-pin IC for FM car stereos.
   
Features
• Low distortion (0.05% typ., 300-mV input, mono.).
• Power supply ripple rejection (35 dB typ.).
• Wide operating voltage range (VCC=6.5 to 14V).
• Small due to single-ended package.
• 3 mm pitch-pin spacing makes it easy to use in printed
    circuit boards.
   
Functions
• Pilot-cancelling (level-following).
• Stereo noise controlling (SNC).
• High-cut control (HCC).
• Stereo-monaural automated selection (with priorities for
    pilot inputs).
• VCO oscillation damping.
   




Similar Part No. - LA3375

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
PLL FM Multiplex Stereo Demodulator for Car Stereo
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3373 SANYO-LA3373 Datasheet
136Kb / 1P
PLL MULTIPLEX STEREO DEMODULATOR
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
More results


Similar Description - LA3375

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3390 SANYO-LA3390 Datasheet
131Kb / 2P
PLL FM MPX Demodulator with Post Amplifier
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3460M SANYO-LA3460M Datasheet
195Kb / 12P
FM NC MPX Demodulator for Car Stereo Tuners
logo
Hitachi Semiconductor
HA12018 HITACHI-HA12018 Datasheet
502Kb / 8P
PLL FM Demodulator for Portable amd Car Radio
logo
NTE Electronics
NTE1482 NTE-NTE1482 Datasheet
74Kb / 2P
Integrated Circuit PLL FM Stereo Demodulator w/ Pilot Cancel
logo
Hitachi Semiconductor
HA11223W HITACHI-HA11223W Datasheet
78Kb / 2P
PLL FM Stereo Demodulator with Pilot Cancel
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com