Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3430M Datasheet (PDF) - Sanyo Semicon Device

LA3430M Datasheet PDF - Sanyo Semicon Device
Part # LA3430M
Download  LA3430M Download
File Size   87.43 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?

LA3430M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3430M Datasheet PDF - Sanyo Semicon Device

Part # LA3430M
Download  LA3430M Click to download

File Size   87.43 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?

LA3430M Datasheet (HTML) - Sanyo Semicon Device


LA3430M Product details

Overview

The LA3430M (MFP-16 package version of LA3430) is an MPX IC for FM car stereo use. It contains the VCO non-adjusting function, skip noise eliminating function, and pilot cancel function.



Features

• Non-adjusting VCO : Eliminates the need to adjust free running frequency.

• VCO is stable to ambient temperature changes : ±0.1 to 0.15% for ±50°C change.

• Low distortion (0.07% typ./300mV input mono).

• Good ripple rejection of power supply (35dB typ.).

• Wide operating voltage range (VCC=6.5 to 12V).



Functions

• VCO non-adjusting function.

• Pilot cancel function (Level follow-up type).

• Stereo noise control function (SNC function).

• High cut control function (HCC function).

• Stereo - monaural automatic select (Pilot input prioritized).

• VCO oscillation stop function.

• Forced monaural function for reception mode (Stereo lamp unlighted, pilot cancel function and HCC function held). This function is provided by disconnecting pin 14 from VCC.



 




Similar Part No. - LA3430M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
More results


Similar Description - LA3430M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
PLL FM Multiplex Stereo Demodulator for Car Stereo
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3375 SANYO-LA3375 Datasheet
287Kb / 11P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3401 SANYO-LA3401 Datasheet
470Kb / 16P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3460M SANYO-LA3460M Datasheet
195Kb / 12P
FM NC MPX Demodulator for Car Stereo Tuners
LA3410 SANYO-LA3410 Datasheet
449Kb / 13P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
logo
Hitachi Semiconductor
HA11223W HITACHI-HA11223W Datasheet
78Kb / 2P
PLL FM Stereo Demodulator with Pilot Cancel
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com