Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3401 Datasheet (PDF) - Sanyo Semicon Device

LA3401 Datasheet PDF - Sanyo Semicon Device
Part # LA3401
Download  LA3401 Download
File Size   470.07 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories

LA3401 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3401 Datasheet PDF - Sanyo Semicon Device

Part # LA3401
Download  LA3401 Click to download

File Size   470.07 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories

LA3401 Datasheet (HTML) - Sanyo Semicon Device


LA3401 Product details

Overview
The LA3401 is a multifunctional MPX demodulator IC designed for FM stereo electronic tuning. It features the VCO non-adjusting function that eliminates the need to adjust free-running frequency of VCO and the accessory functions such as FM/AM input, FM/AM input changeover, muting.
   
Features
• Non-adjusting VCO : Eliminates the need to adjust freerunning frequency.
• Good temperature characteristic of VCO : ±0.1% typ. for
    ±50°C change.
• Less high frequency distortion of stereo main signal
    (0.07% typ. at f=10kHz) (Non-adjusting PLL makes it
    possible to make the capture range narrower, providing
    less high frequency beat distortion of stereo main signal.)
• Low distortion : Mono 0.01% typ.
                            Main 0.025% typ.
• High S/N : 91dB typ./mono 300mV input, LPF
                    94dB typ./mono 400mV input, LPF
   
Functions
• VCO non-adjusting function.
• PLL MPX stereo demodulator.
• Gain variable type post amplifier.
• FM-AM changeover.
• Muting at the FM-AM changeover mode (changeover
    mute)
• Muting function.
• Drive pin for external muting.
• VCO stop function.
• Separation adjust function.
• Muting at the VCC-ON mode.
   
Applications
• Home stereos, portable hi-fi sets.
   




Similar Part No. - LA3401

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3410 SANYO-LA3410 Datasheet
449Kb / 13P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3450 SANYO-LA3450 Datasheet
426Kb / 16P
PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference
More results


Similar Description - LA3401

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
AM/FM Tuner with MPX Stereo Demodulator
LA3390 SANYO-LA3390 Datasheet
131Kb / 2P
PLL FM MPX Demodulator with Post Amplifier
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3450 SANYO-LA3450 Datasheet
426Kb / 16P
PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference
LA3410 SANYO-LA3410 Datasheet
449Kb / 13P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
PLL FM MULTIPLEXER STEREO DEMODULATOR
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com