Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3450 Datasheet (PDF) - Sanyo Semicon Device

LA3450 Datasheet PDF - Sanyo Semicon Device
Part # LA3450
Download  LA3450 Download
File Size   426.41 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference

LA3450 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3450 Datasheet PDF - Sanyo Semicon Device

Part # LA3450
Download  LA3450 Click to download

File Size   426.41 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM MPX Stereo Demodulator with Adjustment-Free VCO And Measure Against Channel Interference

LA3450 Datasheet (HTML) - Sanyo Semicon Device


LA3450 Product details

Overview
The LA3450 is a multifunctional, high-performance FM multiplex demodulator IC designed for high-grade FM stereo tuner use. The LA3450 features adjustment-free VCO, measure against adjacent channel interference, pilot canceler, low distortion (0.005%), and high S/N (101dB).

Features
• Adjustmet-free VCO : Eliminates the need to adjust freerunning frequency.
• Good temperature characteristics of VCO : ±0.1% typ. for ±50°C change.
• No antibirdie filter is required because a measure is taken against adjacent channel interference.
• Less carrier leak 19kHz : 53dB 38kHz : 50dB
• The on-chip cal-tone signal generator facilitates application of recording calibrator.
• Low distortion MONO 0.005% STEREO 0.015%
• High S/N 101dB typ. MONO IHF-A BPF
• High voltage gain FM : 10dB (gain variable) AM : 16dB (gain variable)
• Wide dynamic range Output level 3.3V typ. (THD=1%, MONO)

Functions
• PLL multiplex stereo demodulator.
• Adjustment-free VCO.
• Measure against adjacent channel interference.
• Pilot canceler.
• Cal-tone signal generator.
• AM/FM input, AM/FM selector.
• Post amplifier (gain variable type).
• VCO stop.
• Right/left independent adjustment of separation (single adjustment available).

Applications
• Home stereo, CD, AV-use PLL FM MPX stereo demodulator IC with adjustment-free VCO.




Similar Part No. - LA3450

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3401 SANYO-LA3401 Datasheet
470Kb / 16P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3410 SANYO-LA3410 Datasheet
449Kb / 13P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
More results


Similar Description - LA3450

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
AM/FM Tuner with MPX Stereo Demodulator
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
PLL FM Multiplex Stereo Demodulator
LA3390 SANYO-LA3390 Datasheet
131Kb / 2P
PLL FM MPX Demodulator with Post Amplifier
LA3401 SANYO-LA3401 Datasheet
470Kb / 16P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
LA3430 SANYO-LA3430 Datasheet
372Kb / 13P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use
LA3430M SANYO-LA3430M Datasheet
87Kb / 4P
PLL FM MPX Stereo Demodulator with Pilot Canceler For Car Stereo Use?
LA3433 SANYO-LA3433 Datasheet
663Kb / 13P
Car Stereo-Use PLL FM MPX Stereo Demodulator with Pilot Canceler
LA3410 SANYO-LA3410 Datasheet
449Kb / 13P
VCO Non-Adjusting PLL FM MPX Stereo Demodulator with FM Accessories
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
PLL FM MULTIPLEXER STEREO DEMODULATOR
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com