Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1090A Datasheet (PDF) - Belden Inc.

1090A Datasheet PDF - Belden Inc.
Part # 1090A
Download  1090A Download
File Size   159.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 50 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF TFN

1090A Datasheet (PDF)

Go To PDF Page Download Datasheet
1090A Datasheet PDF - Belden Inc.

Part # 1090A
Download  1090A Click to download

File Size   159.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 50 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF TFN

1090A Datasheet (HTML) - Belden Inc.


1090A Product details

Product Description
UL Instrumentation, 50 Pair 16AWG (7x24) Bare Copper, PVC-NYL Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, 600V TC-ER
150V NPLF TFN 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1090A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1090A1-12V CML-1090A1-12V Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1090A1-12V VCC-1090A1-12V Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1090A1-28V CML-1090A1-28V Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1090A1-28V VCC-1090A1-28V Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1090A3-12V CML-1090A3-12V Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
More results


Similar Description - 1090A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1037A BELDEN-1037A Datasheet
156Kb / 2P
Inst, 3 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1039A BELDEN-1039A Datasheet
157Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1070A BELDEN-1070A Datasheet
161Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1071A BELDEN-1071A Datasheet
161Kb / 2P
Inst, 8 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1046A BELDEN-1046A Datasheet
154Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER
05-25-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1069A BELDEN-1069A Datasheet
185Kb / 2P
Inst, 2 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1074A BELDEN-1074A Datasheet
163Kb / 2P
Inst, 24 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
3090AE BELDEN-3090AE Datasheet
156Kb / 2P
Inst, 1 Pr #16 Str BC GRN GND, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry
04-14-2023
61P1616 BELDEN-61P1616 Datasheet
147Kb / 2P
Inst, 16 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com