Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1120A Datasheet (PDF) - Belden Inc.

1120A Datasheet PDF - Belden Inc.
Part # 1120A
Download  1120A Download
File Size   201.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Pr #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet

1120A Datasheet (PDF)

Go To PDF Page Download Datasheet
1120A Datasheet PDF - Belden Inc.

Part # 1120A
Download  1120A Click to download

File Size   201.35 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Pr #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet

1120A Datasheet (HTML) - Belden Inc.


1120A Product details

Product Description
UL Instrumentation, 1 Pair 18AWG (7x26) Bare Copper, PVC-NYL Insulation E2 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, 600V TC
150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 1120A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1120 ETC1-1120 Datasheet
38Kb / 1P
HIGH CURRENT RF CHOKES
logo
3M Electronics
1120 3M-1120 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
1120 3M-1120 Datasheet
309Kb / 4P
Cushion-Mount™ Plus Plate Mounting Tapes
Jun-2017
logo
List of Unclassifed Man...
1120 ETC-1120 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Alpha Wire
1120 ALPHAWIRE-1120 Datasheet
98Kb / 4P
Customer Specification
8/26/2022
More results


Similar Description - 1120A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1063A BELDEN-1063A Datasheet
158Kb / 2P
Inst, 2 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1119A BELDEN-1119A Datasheet
162Kb / 2P
Inst, 1 Tri #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1065A BELDEN-1065A Datasheet
199Kb / 2P
Inst, 8 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1068A BELDEN-1068A Datasheet
157Kb / 2P
Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1118A BELDEN-1118A Datasheet
202Kb / 2P
Inst, 1 Pr #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
1527A BELDEN-1527A Datasheet
159Kb / 2P
Inst, 3 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3088A BELDEN-3088A Datasheet
158Kb / 2P
Inst, 1 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3089A BELDEN-3089A Datasheet
190Kb / 2P
Inst, 1 Tri #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
3090A BELDEN-3090A Datasheet
169Kb / 2P
Inst, 1 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com