Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1119A Datasheet (PDF) - Belden Inc.

1119A Datasheet PDF - Belden Inc.
Part # 1119A
Download  1119A Download
File Size   162.27 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Tri #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1119A Datasheet (PDF)

Go To PDF Page Download Datasheet
1119A Datasheet PDF - Belden Inc.

Part # 1119A
Download  1119A Click to download

File Size   162.27 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 1 Tri #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1119A Datasheet (HTML) - Belden Inc.


1119A Product details

Product Description
UL Instrumentation, 1 Triad 16AWG (7x24) Bare Copper, PVC-NYL Insulation E2 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 1119A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1119 ETC2-1119 Datasheet
1Mb / 16P
Drywall Punch
logo
Adafruit Industries
1119 ADAFRUIT-1119 Datasheet
128Kb / 1P
Tactile Switch Buttons (12mm square, 6mm tall) x 10 pack
6-28-17
logo
Evolt
11190 EKTOR-11190 Datasheet
422Kb / 2P
LEDFIRE ALL-IN-ONE
5th of February 2025 06:29:30
logo
CEE Norm UK Ltd
11190 CEENORM-11190 Datasheet
1Mb / 4P
Socket Outlets
logo
Lapp.
11190000 LAPP-11190000 Datasheet
96Kb / 1P
EPIC® H-BE 2.5 CONTACTS MACHINED
16.11.2018
More results


Similar Description - 1119A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
61T1601 BELDEN-61T1601 Datasheet
146Kb / 2P
Inst PVC/PVC, 1 Tri #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
1120A BELDEN-1120A Datasheet
201Kb / 2P
Inst, 1 Pr #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3091A BELDEN-3091A Datasheet
189Kb / 2P
Inst, 1 Tri #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1097A BELDEN-1097A Datasheet
162Kb / 2P
Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1098A BELDEN-1098A Datasheet
163Kb / 2P
Inst, 8 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1118A BELDEN-1118A Datasheet
202Kb / 2P
Inst, 1 Pr #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
3089A BELDEN-3089A Datasheet
190Kb / 2P
Inst, 1 Tri #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
61T1608 BELDEN-61T1608 Datasheet
147Kb / 2P
Inst, 8 Tri #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
61T1612 BELDEN-61T1612 Datasheet
147Kb / 2P
Inst, 12 Tri #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
61T1801 BELDEN-61T1801 Datasheet
147Kb / 2P
Inst, 1 Tri #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com