Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6133 Datasheet (PDF) - Sipex Corporation

SP6133 Datasheet PDF - Sipex Corporation
Part # SP6133
Download  SP6133 Download
File Size   1022.24 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Synchronous Buck Controller

SP6133 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6133 Datasheet PDF - Sipex Corporation

Part # SP6133
Download  SP6133 Click to download

File Size   1022.24 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Synchronous Buck Controller

SP6133 Datasheet (HTML) - Sipex Corporation


SP6133 Product details

DESCRIPTION
The SP6133 is a synchronous step-down switching regulator controller optimized for high efficiency. The part is designed to be especially attractive for single supply step down conversion from 5V to 24V. The SP6133 is designed to drive a pair of external NFETs using a fixed 300 kHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal shutdown, output short circuit protection, and overcurrent protection with auto restart. The device also features a PWRGD output and an enable input. The SP6133 is available in a space saving 16-pin QFN and offers excellent thermal performance.

FEATURES
■ 5V to 24V Input step down converter
■ Up to 30A output capability
■ Highly integrated design, minimal components
■ UVLO Detects Both VCC and VIN
■ Overcurrent circuit protection with auto-restart
■ Power Good Output, ENABLE Input
■ Maximum Controllable Duty Cycle Ratio up to 92%
■ Wide BW amp allows Type II or III compensation
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 95% possible
■ Available in Lead Free, RoHS Compliant 16-Pin QFN package
■ External Driver Enable/Disable
■ U.S. Patent #6,922,041




Similar Part No. - SP6133

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
507Kb / 10P
Evaluation Board Manual
logo
Exar Corporation
SP6133 EXAR-SP6133 Datasheet
1Mb / 20P
Synchronous Buck Controller
logo
Sipex Corporation
SP6133EB SIPEX-SP6133EB Datasheet
507Kb / 10P
Evaluation Board Manual
SP6133ER1 SIPEX-SP6133ER1 Datasheet
507Kb / 10P
Evaluation Board Manual
SP6133 SIPEX-SP6133_06 Datasheet
507Kb / 10P
Evaluation Board Manual
More results


Similar Description - SP6133

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
ON Semiconductor
NCP81148 ONSEMI-NCP81148 Datasheet
189Kb / 11P
Synchronous Buck Controller
January, 2014 ??Rev. P0
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com