Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2174 Datasheet (PDF) - Micrel Semiconductor

MIC2174 Datasheet PDF - Micrel Semiconductor
Part # MIC2174
Download  MIC2174 Download
File Size   544.46 Kbytes
Page   24 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller

MIC2174 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2174 Datasheet PDF - Micrel Semiconductor

Part # MIC2174
Download  MIC2174 Click to download

File Size   544.46 Kbytes
Page   24 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller

MIC2174 Datasheet (HTML) - Micrel Semiconductor


MIC2174 Product details

General Description
The Micrel MIC2174/MIC2174C is a fixed-frequency, synchronous buck controller featuring adaptive on-time control. The MIC2174/MIC2174C operates over an input supply range of 3V to 40V at a fixed switching frequency of 300kHz and is capable of driving 25A of output current. The output voltage is adjustable down to 0.8V.

Features
• Hyper Speed Control™ architecture enables:
    – High delta V operation (VHSD = 40V and VOUT = 0.8V)
    – Smaller output capacitors than competitors
• 3V to 40V input voltage
• Any CapacitorTM stable
    - Zero ESR to high ESR
• 300kHz switching frequency
• Adjustable output from 0.8V to 5.5V (VHSD ≤ 28V)
• Adjustable output from 0.8V to 3.6V (VHSD > 28V)
• ±1% FB accuracy (MIC2174)
• ±3% FB accuracy (MIC2174C)
• Up to 94% efficiency
• Foldback current limit and “hiccup” mode short-circuit protection
• Thermal shutdown
• Safe start-up into pre-biased loads
• –40°C to +125°C junction temperature range

Applications
• Telecom Networking
• Industrial Equipment
• Distributed DC power systems




Similar Part No. - MIC2174

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174-1YMM MICREL-MIC2174-1YMM Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174C MICREL-MIC2174C Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174C-1YMM MICREL-MIC2174C-1YMM Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
More results


Similar Description - MIC2174

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com