Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2174 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2174 Datasheet HTML 1Page - Micrel Semiconductor MIC2174 Datasheet HTML 2Page - Micrel Semiconductor MIC2174 Datasheet HTML 3Page - Micrel Semiconductor MIC2174 Datasheet HTML 4Page - Micrel Semiconductor MIC2174 Datasheet HTML 5Page - Micrel Semiconductor MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Micrel, Inc.
MIC2174
September 2009
3
M9999-090409-B
Absolute Maximum Ratings
(1)
IN, FB, EN to GND ........................................... -0.3V to +6V
BST to LX ......................................................... -0.3V to +6V
BST to GND ................................................... -0.3V to +46V
DH to LX.............................................-0.3V to (VBST + 0.3V)
DL, COMP to GND...............................-0.3V to (VIN + 0.3V)
HSD to GND..................................................... -0.3V to 42V
PGND to GND ............................................... -0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS)..........................-65°C to +150°C
Lead Temperature (soldering, 10sec)........................ 260°C
Operating Ratings
(2)
Input Voltage (VIN).......................................... 3.0V to 5.5V
Supply Voltage (VHSD) ....................................... 3.0V to 40V
Operating Temperature Range ..................-40
°C to +125°C
Junction Temperature (TJ) .........................-40°C to +125°C
Junction Thermal Resistance
MSOP (
θJA) ..................................................130.5°C/W
Continuous Power Dissipation (TA = 70°C) .......421mW
(derate 5.6mW/°C above 70°C)
Electrical Characteristics
(4)
VBST - VLX = 5V; TA = 25°C, unless noted. Bold values indicate -40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
General
Operating Input Voltage (VIN)
(5)
3.0
5.5
V
HSD Voltage Range (VHSD)
3.0
40
V
Quiescent Supply Current
(VFB = 1.5V, output switching but excluding
external MOSFET gate current)
1.4
3.0
mA
Standby Supply Current
VIN = VBST = 5.5V, VHSD = 40V, LX = unconnected,
EN = GND
(6)
0.8
2
mA
Under-voltage Lockout Trip Level
2.4
2.7
3
V
UVLO Hysteresis
50
mV
DC-DC Controller
Output-Voltage Adjust Range
(VOUT)
(7)
0.8
V
Error Amplifier
FB Regulation Voltage
0°C ≤ TJ ≤ 85°C
-1
1
%
FB Regulation Voltage
-40°C ≤ TJ ≤ 125°C
-2
2
%
FB Input Leakage Current
5
500
nA
VFB = 0.8V
103
130
162
mV
Current-Limit Threshold
VFB = 0V
19
48
77
mV
Soft-Start
Soft-start Period
6
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.
5. The application is fully functional at low IN (supply of the control section) if the external MOSFETs have enough low voltage VTH.
6. The current will come only from the internal 100kΩ pull-up resistor sitting on the EN Input and tied to IN.
7. The maximum VOUT value is limited by the Fixed TON estimator which obtains VOUT as a divided by 6 value (1/6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com